Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74SSTU32866AZKER Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74SSTU32866AZKER
Description  25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTU32866AZKER Datasheet(HTML) 3 Page - Texas Instruments

  SN74SSTU32866AZKER Datasheet HTML 1Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 2Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 3Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 4Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 5Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 6Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 7Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 8Page - Texas Instruments SN74SSTU32866AZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SN74SSTU32866A
25BIT CONFIGURABLE REGISTERED BUFFER
WITH ADDRESSPARITY TEST
SCAS803A − JUNE 2005 − REVISED NOVEMBER 2007
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments for 1:1 register (C0 = 0, C1 = 0)
12
34
5
6
A
D1 (DCKE)
PPO
VREF
VCC
Q1 (QCKE)
DNU
B
D2
D15
GND
GND
Q2
Q15
C
D3
D16
VCC
VCC
Q3
Q16
D
D4 (DODT)
QERR
GND
GND
Q4 (QODT)
DNU
E
D5
D17
VCC
VCC
Q5
Q17
F
D6
D18
GND
GND
Q6
Q18
G
PAR_IN
RESET
VCC
VCC
C1
C0
H
CLK
D7 (DCS)
GND
GND
Q7 (QCS)
DNU
J
CLK
CSR
VCC
VCC
NC
NC
K
D8
D19
GND
GND
Q8
Q19
L
D9
D20
VCC
VCC
Q9
Q20
M
D10
D21
GND
GND
Q10
Q21
N
D11
D22
VCC
VCC
Q11
Q22
P
D12
D23
GND
GND
Q12
Q23
R
D13
D24
VCC
VCC
Q13
Q24
T
D14
D25
VREF
VCC
Q14
Q25
Each pin name in parentheses indicates the DDR2 DIMM signal name.
DNU − Do not use
NC − No internal connection
ZKE PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
13
4
6
5
P
N
M
L
K
T
R


Similar Part No. - SN74SSTU32866AZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866GKER TI-SN74SSTU32866GKER Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866ZKER TI-SN74SSTU32866ZKER Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

Similar Description - SN74SSTU32866AZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_V01 Datasheet
2Mb / 42P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32866A TI-74SSTUB32866A Datasheet
1Mb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI1-SN74SSTUB32866_17 Datasheet
1Mb / 39P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTEB32866 TI1-SN74SSTEB32866 Datasheet
1Mb / 37P
[Old version datasheet]   1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
   1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com