Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC16222-1 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74TVC16222-1
Description  10-BIT VOLTAGE CLAMP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74TVC16222-1 Datasheet(HTML) 5 Page - Texas Instruments

  SN74TVC16222-1 Datasheet HTML 1Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 2Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 3Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 4Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 5Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 6Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 7Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 8Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
TVC background information
In personal computer (PC) architecture, there are industry-accepted bus standards. These standards define,
among other things, the I/O voltage levels at which the bus communicates. Examples include the GTL+ host
bus, the AGP graphics port, and the PCI local bus. In new designs, the system components must communicate
with existing bus infrastructure. Providing an evolutionary upgrade path is important in the design of PC
architecture, but the existing bus standards must be preserved.
To achieve the ever-present need for smaller, faster, lighter devices that draw less power, yet have faster
performance, most new high-performance digital integrated circuits are being designed and produced with
advanced submicron semiconductor process technologies. These devices have thin gate-oxide or short
channel lengths and very low absolute-maximum voltages that can be tolerated at the inputs/outputs (I/Os)
without causing damage. In many cases, the I/Os of these devices are not tolerant of the high-state voltage
levels on the preexisting buses with which they must communicate. Therefore, it became necessary to protect
the I/Os of devices by limiting the I/O voltages.
The Texas Instruments (TI) translation voltage-clamp (TVC) family was designed specifically for protecting
sensitive I/Os (see Figure 2). The information in this data sheet describes the I/O-protection application of the
TVC family and should enable the design engineer to successfully implement an I/O-protection circuit utilizing
the TI TVC solution.
Low-Voltage
I/O Device
TVC Family
Voltage-Clamp
Device
Standard-Voltage
I/O Bus
Figure 2. Thin Gate-Oxide Protection Application


Similar Part No. - SN74TVC16222-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

Similar Description - SN74TVC16222-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com