Electronic Components Datasheet Search |
|
SPSW201K0G Datasheet(PDF) 3 Page - Tyco Electronics |
|
SPSW201K0G Datasheet(HTML) 3 Page - Tyco Electronics |
3 / 3 page Type SQZ - Horizontal Pluggable Power Dimensions Resistance Range Rating W±1 H±1 L±1.5 P±1.5 P1 P2 P3 P4 H1±1 H2±1 Wire Metal Film 5W 10 10 28 15 4.2 2 5 1.5 25 10.5 R10 - 130R 131R - 100K 7W 10 10 36 20 4.2 2 5 1.5 25 10.5 R10 - 430R 431R - 100K 10W 10 10 48 32 4.2 2 5 1.5 25 10.5 R20 - 470R 471R - 100K 15W 12.5 12 48 32 4.2 2 5 1.5 26 10.5 1R0 - 600R 601R - 150K 20W-25W* 15 13 60 42 7 6 10 2.7 36 15.0 1R0 - 1K0 1K1 - 150K *NB: 20W & 25W Devices Terminations are not crimped How to Order SQP W 20 1R0 F Common Part W - Wire R - Metal Film Element 2 - 2 Watts 3 - 3 Watts 5 - 5 Watts etc Rated Power ResistanceValue SQP - Axial Type SQZ - Pluggable Type SQM - Vertical Type SPS - Vertical Type SQH - Horizontal Type SQB - Horizontal Type (with bracket) 0.1 ohm (1 milliohm) R10 1 ohm (1000 milliohms) 1R0 1K ohm (1000 ohms) 1K0 1M ohm (1000000 ohms) 1M0 Resistance Tolerance F - ±1% G - ±2% J - ±5% K - ±10% Type SQZ - Recommended PCB Hole Dimensions Power Rating a b p 5W 2.0 0.8 15 7W 2.0 0.8 20 10W 2.0 0.8 32 15W 2.0 0.8 32 20W_25W 3.5 1.0 42 Suggested PCB Layout Plan Type SPS - Vertical Mounting with Stabilising Bracket Power Dimension Resistance Range Rating L ± 1.5 K ± 0.5 Wire Metal Film 7W 48 8.5 R10 - 430R 431R - 100K 10W 60 20 R10 - 470R 471R - 100K 5.0 5.0 2.0 0.8 5.0 5.0 R0.2 Ø1.0 High Power Resistors Type SQ Series TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks. Other logos, product and Company names mentioned herein may be trademarks of their respective owners. While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili- ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications. |
Similar Part No. - SPSW201K0G |
|
Similar Description - SPSW201K0G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |