Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS165DW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75ALS165DW
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS165DW Datasheet(HTML) 5 Page - Texas Instruments

  SN75ALS165DW Datasheet HTML 1Page - Texas Instruments SN75ALS165DW Datasheet HTML 2Page - Texas Instruments SN75ALS165DW Datasheet HTML 3Page - Texas Instruments SN75ALS165DW Datasheet HTML 4Page - Texas Instruments SN75ALS165DW Datasheet HTML 5Page - Texas Instruments SN75ALS165DW Datasheet HTML 6Page - Texas Instruments SN75ALS165DW Datasheet HTML 7Page - Texas Instruments SN75ALS165DW Datasheet HTML 8Page - Texas Instruments SN75ALS165DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN75ALS165
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SLLS023B – JUNE 1986 – REVISED AUGUST 1989
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended range of operating free-air temperature (unless
otherwise noted), VCC = 5 V
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
Terminal
Bus
CL = 30 pF,
7
20
ns
tPHL
Propagation delay time, high-to-low-level output
Terminal
Bus
L
,
See Figure 1
8
20
ns
tPLH
Propagation delay time, low-to-high-level output
Bus
Terminal
CL = 30 pF,
7
14
ns
tPHL
Propagation delay time, high-to-low-level output
Bus
Terminal
L
,
See Figure 2
9
14
ns
tPZH
Output enable time to high level
19
30
tPHZ
Output disable time from high level
TE
Bus
CL = 15 pF,
5
12
ns
tPZL
Output enable time to low level
TE
Bus
L
,
See Figure 3
16
35
ns
tPLZ
Output disable time from low level
9
20
tPZH
Output enable time to high level
13
30
tPHZ
Output disable time from high level
TE
Terminal
CL = 15 pF,
12
20
ns
tPZL
Output enable time to low level
TE
Terminal
L
,
See Figure 4
12
20
ns
tPLZ
Output disable time from low level
11
20
ten
Output pullup enable time
PE
Terminal
CL = 15 pF,
11
22
ns
tdis
Output pullup disable time
PE
Terminal
L
See Figure 5
6
12
ns
† All typical values are at TA = 25°C.


Similar Part No. - SN75ALS165DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DW TI-SN75ALS160DW Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS160DWE4 TI-SN75ALS160DWE4 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75ALS165DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75164B TI1-SN75164B Datasheet
230Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com