Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC976DLR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC976DLR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976DLR Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC976DLR Datasheet HTML 1Page - Texas Instruments SN75LBC976DLR Datasheet HTML 2Page - Texas Instruments SN75LBC976DLR Datasheet HTML 3Page - Texas Instruments SN75LBC976DLR Datasheet HTML 4Page - Texas Instruments SN75LBC976DLR Datasheet HTML 5Page - Texas Instruments SN75LBC976DLR Datasheet HTML 6Page - Texas Instruments SN75LBC976DLR Datasheet HTML 7Page - Texas Instruments SN75LBC976DLR Datasheet HTML 8Page - Texas Instruments SN75LBC976DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
receiver electrical characteristics over recommended ranges of operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VID = 200 mV,
See Figure 1
IOH = − 8 mA,
2.5
V
VOL
Low-level output voltage
VID = − 200 mV,
See Figure 1
IOL = 8 mA,
0.8
V
VIT +
Positive-going input threshold voltage
IOH = − 8 mA,
See Figure 1
0.2
V
VIT −
Negative-going input threshold voltage
IOL = 8 mA,
See Figure 1
− 0.2
V
Vhys
Receiver input hysteresis voltage ( VIT + − VIT −)
45
mV
VI = 12 V,
Other input at 0 V,
VCC = 5 V,
See Figure 1
0.7
1
mA
II
Receiver input current
B+ and B −
VI = 12 V,
Other input at 0 V,
VCC = 0,
See Figure 1
0.8
1
mA
II
Receiver input current
B+ and B −
VI = − 7 V,
Other input at 0 V,
VCC = 5 V,
See Figure 1
− 0.5
− 0.8
mA
VI = − 7 V,
Other input at 0 V,
VCC = 0,
See Figure 1
− 0.4
− 0.8
mA
IOZ
High-impedance-state output current
See Figure 1
VO = GND
− 200
µA
IOZ
High-impedance-state output current
See Figure 1
VO = VCC
50
µA
driver switching characteristics over recommended operating conditions (unless otherwise
noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Differential delay time, high- to low-level output (td(ODH)) or
7.6
19.6
td(OD)
Differential delay time, high- to low-level output (td(ODH)) or
low- to high-level output (td(ODL) )
VCC = 5 V,
TA = 25°C
9.1
17.1
ns
td(OD)
low- to high-level output (td(ODL) )
VCC = 5 V,
TA = 70°C
11.5
19.5
ns
tsk(lim)
Skew limit, the maximum difference in propagation delay times
12
ns
tsk(lim)
Skew limit, the maximum difference in propagation delay times
between any two drivers on any two devices
VCC = 5 V,
See Note 2
8
ns
tsk(p)
Pulse skew ( | td(ODL) − td(ODH) |)
0
6
ns
tt
Transition time (tr or tf)
10
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 2: This specification applies to any 5
°C band within the operating temperature range.


Similar Part No. - SN75LBC976DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970A TI1-SN75LBC970A Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADL TI1-SN75LBC970ADL Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC970ADLR TI1-SN75LBC970ADLR Datasheet
336Kb / 21P
[Old version datasheet]   SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC976DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com