Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP412CDRTJR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP412CDRTJR
Description  Two Channel SATA 3 Gbps Redriver With Cable Detect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP412CDRTJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LVCP412CDRTJR Datasheet HTML 4Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 5Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 6Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 7Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 8Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 9Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 10Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 11Page - Texas Instruments SN75LVCP412CDRTJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SN75LVCP412CD
SLLSE62 – DECEMBER 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range(2)
VCC
–0.5 to 4
V
Differential I/O
–0.5 to 4
V
Voltage range
Control I/O
–0.5 to VCC + 0.5
V
Human body model(3)
±8000
V
Electrostatic discharge
Charged-device model(4)
±1500
V
Machine model(5)
±200
V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
THERMAL INFORMATION
SN75LVCP412CD
THERMAL METRIC(1)
UNITS
RTJ (20) PINS
qJA
Junction-to-ambient thermal resistance
47.9
qJCtop
Junction-to-case (top) thermal resistance
44.9
qJB
Junction-to-board thermal resistance
24.4
°C/W
yJT
Junction-to-top characterization parameter
0.6
yJB
Junction-to-board characterization parameter
24.4
qJCbot
Junction-to-case (bottom) thermal resistance
5.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
typical values for all parameters are at VCC = 3.3V and TA = 25°C. All temperature limits are specified by design.
MIN
NOM
MAX
UNITS
VCC
Supply voltage
3
3.3
3.6
V
TVcc0-90%
Supply ramp time
Supply ramp 0V – 0.9VCC
1
10
ms
CCOUPLING
Coupling capacitor
12
nF
Operating free-air temperature
0
85
°C
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :SN75LVCP412CD


Similar Part No. - SN75LVCP412CDRTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412ARTJR TI-SN75LVCP412ARTJR Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412ARTJT TI-SN75LVCP412ARTJT Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412RTJR TI-SN75LVCP412RTJR Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
More results

Similar Description - SN75LVCP412CDRTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP422 TI-SN75LVCP422 Datasheet
415Kb / 17P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412A TI-SN75LVCP412A Datasheet
1Mb / 26P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP422 TI1-SN75LVCP422_14 Datasheet
555Kb / 18P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVCP412 TI-SN75LVCP412 Datasheet
1Mb / 21P
[Old version datasheet]   Two Channel SATA 3-Gbps Redriver
SN75LVPE802 TI1-SN75LVPE802 Datasheet
136Kb / 6P
[Old version datasheet]   Two-Channel 8 Gbps SATA Express Equalizer and Redriver
SN75LVCP601 TI1-SN75LVCP601 Datasheet
2Mb / 23P
[Old version datasheet]   Two-Channel SATA 6-Gb/s Redriver
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
LMH0303 TI-LMH0303_13 Datasheet
766Kb / 19P
[Old version datasheet]   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com