Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVCP600DRFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVCP600DRFR
Description  6.0 Gbps SATA PC Board and Cable Equalizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LVCP600DRFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LVCP600DRFR Datasheet HTML 4Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 5Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 6Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 7Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 8Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 9Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 10Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 11Page - Texas Instruments SN75LVCP600DRFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN75LVCP600DRF
SLLSE63 – DECEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNITS
f = 150 MHz–300 MHz
30
41
f = 300 MHz–600 MHz
30
41
f = 600 MHz–1.2 GHz
20
34
IBRX
Impedance balance
f = 1.2 GHz–2.4 GHz
10
24
dB
f = 2.4 GHz–3.0 GHz
10
26
f = 3.0 GHz–5.0 GHz
4
18
f = 5.0 GHz–6.5 GHz
4
18
Rise times and fall times measured between 20% and
T20-80RX
Rise/fall time
80% of the signal. SATA 6 Gbps speed measured 1" from
62
75
ps
device pin
Difference between the single-ended mid-point of the RX+
TskewRX
Differential skew
signal rising/falling edge, and the single-ended mid-point
30
ps
of the RX– signal falling/rising edge
TRANSMITTER AC/DC
ZdiffTX
Pair differential impedance
85
100
122
ZSETX
Single-ended input impedance
40
Transient voltages on the serial data bus during power
VTXtrans
Sequencing transient voltage
–1.2
0.3
1.2
V
sequencing (lab load)
f = 150 MHz–300 MHz
13
22
f = 300 MHz–600 MHz
8
21
RLDiffTX
Differential mode return loss
f = 600 MHz–1.2 GHz
6
19
dB
f = 1.2 GHz–2.4 GHz
6
14
f = 2.4 GHz–3.0 GHz
3
14
TXDiffRLSlope
Differential mode RL slope
f = 300 MHz – 3.0 GHz (see Figure 6)
–13
dB/dec
f = 150 MHz–300 MHz
5
20
f = 300 MHz–600 MHz
5
16
RLCMTX
Common-mode return loss
f = 600 MHz–1.2 GHz
2
13
dB
f = 1.2 GHz–2.4 GHz
1
8
f = 2.4 GHz–3.0 GHz
1
8
f = 150 MHz–300 MHz
30
38
f = 300 MHz–600 MHz
30
38
f = 600 MHz–1.2 GHz
20
33
IBTX
Impedance balance
f = 1.2 GHz–2.4 GHz
10
25
dB
f = 2.4 GHz–3.0 GHz
10
25
f = 3.0 GHz–5.0 GHz
4
21
f = 5.0 GHz–6.5 GHz
4
21
Differential output voltage
DiffVppTX
f = 3.0 GHz (under no interconnect loss)
400
650
900
mV/ppd
swing
At 1.5 GHz
15
50
mVppd
VCMAC_TX
TX AC CM voltage
At 3.0 GHz
10
26
dBmv
(rms)
At 6.0 GHz
12
30
VCMTX
Common-mode voltage
1.70
V
Rise times and fall times measured between 20% and
T20-80TX
Rise/Fall time
80% of the signal. At 6Gbps under no load conditions
44
58
85
ps
measured at the pin
Difference between the single-ended mid-point of the TX+
TskewTX
Differential skew
signal rising/falling edge, and the single-ended mid-point
2
20
ps
of the TX– signal falling/rising edge, D1, D0 = VCC
TxR/Flmb
TX rise/fall imbalance
At 3 Gbps
6%
20%
TxAmplmb
TX amplitude imbalance
1%
10%
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN75LVCP600DRF


Similar Part No. - SN75LVCP600DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVCP600S TI1-SN75LVCP600S Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600SDSKR TI1-SN75LVCP600SDSKR Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
SN75LVCP600SDSKT TI1-SN75LVCP600SDSKT Datasheet
2Mb / 25P
[Old version datasheet]   1.5/3.0/6.0 Gbps SATA/SAS Redriver
More results

Similar Description - SN75LVCP600DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
SN75LVPE801 TI1-SN75LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
SN65LVPE801 TI1-SN65LVPE801 Datasheet
3Mb / 34P
[Old version datasheet]   8.0 Gbps SATA Express Equalizer and Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com