Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75076B Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75076B
Description  DIFFERENTIAL BUS TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75076B Datasheet(HTML) 4 Page - Texas Instruments

  SN75076B Datasheet HTML 1Page - Texas Instruments SN75076B Datasheet HTML 2Page - Texas Instruments SN75076B Datasheet HTML 3Page - Texas Instruments SN75076B Datasheet HTML 4Page - Texas Instruments SN75076B Datasheet HTML 5Page - Texas Instruments SN75076B Datasheet HTML 6Page - Texas Instruments SN75076B Datasheet HTML 7Page - Texas Instruments SN75076B Datasheet HTML 8Page - Texas Instruments SN75076B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN65076B, SN75076B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS061 − D3407, JANUARY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
− 1.5
V
VO
Output voltage
VI = 2 V,
IO = 0
0
6
V
VOD1 Differential output voltage
IO = 0
1.5
6
V
VOD2 Differential output voltage
See Figure 1
1.5
5
V
IO
Output current
VI = 0.8 V
VO = 12 V
1
mA
IO
Output current
VI = 0.8 V
VO = − 7 V
− 0.8
mA
IIH
High-level input current
VI = 2.4 V
20
µA
IIL
Low-level input current
VI = 0.4 V
− 400
µA
VO = − 7 V
− 250
IOS
Short-circuit output current
VO = 0
− 150
mA
IOS
Short-circuit output current
VO = VCC
250
mA
VO = 12 V
250
ICC
Supply current (total package)
No load
30
mA
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Differential-output turn-on time
See Figure 3
60
90
ns
toff
Differential-output turn-off time
See Figure 3
75
110
ns


Similar Part No. - SN75076B

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
SN750 WESTERN-SN750 Datasheet
611Kb / 3P
   WD_BLACKTM SN750 NVMeTM SSD
September 2021
logo
Texas Instruments
SN75061 TI1-SN75061 Datasheet
212Kb / 13P
[Old version datasheet]   DRIVER/RECEIVER PAIR WITH SQUELCH
SN75061N TI1-SN75061N Datasheet
197Kb / 13P
[Old version datasheet]   DRIVER/RECEIVER PAIR WITH SQUELCH
More results

Similar Description - SN75076B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_08 Datasheet
584Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_10 Datasheet
802Kb / 29P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC176A TI-SN65LBC176A_07 Datasheet
489Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_07 Datasheet
397Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65176B TI-SN65176B_10 Datasheet
576Kb / 21P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN55LBC176 TI-SN55LBC176_07 Datasheet
553Kb / 24P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com