Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75164B Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75164B
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75164B Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75164B Datasheet HTML 2Page - Texas Instruments SN75164B Datasheet HTML 3Page - Texas Instruments SN75164B Datasheet HTML 4Page - Texas Instruments SN75164B Datasheet HTML 5Page - Texas Instruments SN75164B Datasheet HTML 6Page - Texas Instruments SN75164B Datasheet HTML 7Page - Texas Instruments SN75164B Datasheet HTML 8Page - Texas Instruments SN75164B Datasheet HTML 9Page - Texas Instruments SN75164B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN75164B
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SLLS011A – OCTOBER 1985 – REVISED FEBRUARY 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C (unless otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low-to-high level output
Terminal
Bus
CL = 30 pF,
14
20
ns
tPHL Propagation delay time, high-to-low level output
Terminal
Bus
L
,
See Figure 1
14
20
ns
tPLH Propagation delay time, low-to-high level output
Terminal
Bus
(SRQ,
NDAC, NRFD)
CL = 30 pF,
See Figure 1
29
35
ns
tPLH Propagation delay time, low-to-high level output
Bus
Terminal
CL = 30 pF,
10
20
ns
tPHL Propagation delay time, high-to-low level output
Bus
Terminal
L
,
See Figure 2
15
22
ns
tPLH Propagation delay time, low-to-high level output
Terminal ATN
or
Terminal EOI
ATN+EOI
See Figure 3
14
ns
tPHL Propagation delay time, high-to-low level output
Terminal ATN
or
Terminal EOI
ATN+EOI
See Figure 3
14
ns
tPZH Output enable time to high level
Bus
60
tPHZ Output disable time from high level
TE, DC,
Bus
(ATN, EOI,
See Figure 4
45
ns
tPZL
Output enable time to low level
,,
or SC
(,
,
REN, IFC,
dDAV)
See Figure 4
60
ns
tPLZ
Output disable time from low level
and DAV)
55
tPZH Output enable time to high level
55
tPHZ Output disable time from high level
TE,DC,
Terminal
See Figure 5
50
ns
tPZL
Output enable time to low level
or SC
Terminal
See Figure 5
45
ns
tPL Z Output disable time from low level
55


Similar Part No. - SN75164B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI-SN75160BDW Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDW TI1-SN75160BDW Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWE4 TI1-SN75160BDWE4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160BDWG4 TI1-SN75160BDWG4 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results

Similar Description - SN75164B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS164 TI1-SN75ALS164_14 Datasheet
585Kb / 18P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI1-SN75160B_13 Datasheet
917Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS162 TI1-SN75ALS162_14 Datasheet
786Kb / 17P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI-SN75ALS163 Datasheet
143Kb / 10P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75160B TI-SN75160B Datasheet
194Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS165 TI1-SN75ALS165 Datasheet
193Kb / 11P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75ALS163 TI1-SN75ALS163_13 Datasheet
245Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com