Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75976A-EP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A-EP
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75976A-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75976A-EP Datasheet HTML 4Page - Texas Instruments SN75976A-EP Datasheet HTML 5Page - Texas Instruments SN75976A-EP Datasheet HTML 6Page - Texas Instruments SN75976A-EP Datasheet HTML 7Page - Texas Instruments SN75976A-EP Datasheet HTML 8Page - Texas Instruments SN75976A-EP Datasheet HTML 9Page - Texas Instruments SN75976A-EP Datasheet HTML 10Page - Texas Instruments SN75976A-EP Datasheet HTML 11Page - Texas Instruments SN75976A-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
Electrical Characteristics
Driver Switching Characteristics
SN75976A-EP
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS878A – JANUARY 2008 – REVISED FEBRUARY 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
S1 to A,
VT = 5 V,
See Figure 2
0.7
Driver differential high-level output
VODH
V
S1 to B,
voltage
VT = 5 V,
0.7
See Figure 1
S1 to A,
VT = 5 V,
0.7
–1.4
TC ≥ 25°C
See Figure 2
VODL
Driver differential low-level output voltage
S1 to B,
VT = 5 V,
See Figure 2
0.7
–1.8
V
S1 to A,
VT = 5 V,
–0.8
–1.4
See Figure 1
A side,
VID = 200 mV,
4
4.5
IOH = –8 mA
See Figure 4
VOH
High-level output voltage
V
B side,
VT = 5 V,
See Figure 2
3
A side,
VID = –200 mV,
0.6
0.8
IOH = 8 mA
See Figure 4
VOL
Low-level output voltage
V
A side,
VT = 5 V,
See Figure 2
1
Receiver positive-going differential input
VIT+
IOH = –8 mA,
See Figure 4
0.2
V
threshold voltage
Receiver negative-going differential input
VIT–
IOL = 8 mA,
See Figure 4
–0.2
V
threshold voltage
Receiver input hysteresis
Vhys
VCC = 5 V,
TA = 25°C
24
45
mV
(VIT+ – VIT–)
VIH = 12 V,
VCC = 5 V,
Other input at 0 V
0.4
1
VIH = 12 V,
VCC = 0,
Other input at 0 V
0.5
1
II
Bus input current
mA
VIH = –7 V,
VCC = 5 V,
Other input at 0 V
–0.4
–0.8
VIH = –7 V,
VCC = 0,
Other input at 0 V
–0.3
–0.8
A, BSR, DE/RE, and CRE,
VIH = 2 V
–100
IIH
High-level input current
µA
CDE0, CDE1, and CDE2,
VIH = 2V
100
A, BSR, DE/RE, and CRE,
VIL = 0.8 V
–100
IIL
Low-level input current
µA
CDE1, CDE1, and CDE2,
VIL = 0.8 V
100
IOS
Short circuit output current
nB+ or nB–
±260
mA
A
See IIH and IIL
IOZ
High-impedance-state output current
nB+ or nB–
See II
Disabled
10
ICC
Supply current
All drivers enabled, no load
60
mA
All receivers enabled, no load
45
CO
Output capacitance
nB+ or nB– to GND
18
pF
Receiver
40
Cpd
Power dissipation capacitance(2)
pF
Driver
100
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
Cpd determines the no-load dynamic supply current consumption, IS = CPD × VCC × f + ICC.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Propagation delay time, tPHL or tPLH
tpd
'976A1
VCC = 5 V,
TA = 25°C
15
ns
(see Figures 2 and 3)
tsk(lim)
Skew limit, maximum tpd – minimum tpd
(2)
'976A1
8
ns
tsk(p)
Pulse skew, |tPHL – tPLH|
4
ns
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
This parameter is applicable at one VCC and operating temperature within the recommended operating conditions and to any two
devices.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75976A-EP


Similar Part No. - SN75976A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com