Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751506 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN751506
Description  DC PLASMA DISPLAY DRIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN751506 Datasheet(HTML) 1 Page - Texas Instruments

  SN751506 Datasheet HTML 1Page - Texas Instruments SN751506 Datasheet HTML 2Page - Texas Instruments SN751506 Datasheet HTML 3Page - Texas Instruments SN751506 Datasheet HTML 4Page - Texas Instruments SN751506 Datasheet HTML 5Page - Texas Instruments SN751506 Datasheet HTML 6Page - Texas Instruments SN751506 Datasheet HTML 7Page - Texas Instruments SN751506 Datasheet HTML 8Page - Texas Instruments SN751506 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN751506, SN751516
DC PLASMA DISPLAY DRIVERS
SLDS034 − DECEMBER 1986 − REVISED JULY 1889
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Each Device Drives 32 Lines
D 180-V Open-Drain Parallel Outputs
D 220-mA Parallel Output Sink Current
Capability
D CMOS-Compatible Inputs
D Strobe Input Provided
D Serial Data Output for Cascade Operation
D Inputs Have Built-In Electrostatic Discharge
Protection
description
The SN751506 and the SN751516 are monolithic
integrated circuits designed to drive the scan lines
of a dc plasma panel display. The SN751516 pin
sequence is reversed from the SN751506 for
ease in printed-circuit-board layout.
Each device consists of a 32-bit shift register and
32 OR gates. Serial data is entered into the shift
register on the high-to-low transition of the clock
input. When STROBE is low, all Q outputs are in
the off state. Outputs are open-drain JFET
transistors with a breakdown voltage in excess of
180 V. The outputs have a 220-mA sink current
capability in the on state. Only one Q output
should be allowed to be in the on state at a time.
SERIAL OUT from the shift register can be used
to cascade shift registers. This output is not
affected by the STROBE input. All inputs are
CMOS compatible with ESD protection built in.
The SN751506 and SN751516 are characterized
for operation from 0
°C to 70°C.
Copyright
 1989, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q32
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
Q18
Q17
NC
GND
NC
NC
CLOCK
VCC
NC
SERIAL OUT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
NC
GND
NC
STROBE
NC
VCC
NC
DATA IN
SN751506 ...FT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
NC
GND
NC
STROBE
NC
VCC
NC
DATA IN
Q32
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
Q18
Q17
NC
GND
NC
NC
CLOCK
VCC
NC
SERIAL OUT
SN751516 ...FT PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - SN751506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
[Old version datasheet]   DUAL LINE DRIVER
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
   DC PLASMA DISPLAY DRIVERS
SN751508FT STMICROELECTRONICS-SN751508FT Datasheet
286Kb / 19P
   DC PLASMA DISPLAY DRIVERS
logo
Texas Instruments
SN75150D TI-SN75150D Datasheet
101Kb / 7P
[Old version datasheet]   DUAL LINE DRIVER
More results

Similar Description - SN751506

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SN751508 STMICROELECTRONICS-SN751508 Datasheet
286Kb / 19P
   DC PLASMA DISPLAY DRIVERS
logo
Texas Instruments
SN75501E TI-SN75501E Datasheet
355Kb / 6P
[Old version datasheet]   AC PLASMA DISPLAY DRIVERS
SN75509 TI-SN75509 Datasheet
137Kb / 5P
[Old version datasheet]   AC PLASMA DISPLAY DRIVERS
SN75508 TI-SN75508 Datasheet
135Kb / 5P
[Old version datasheet]   AC PLASMA DISPLAY DRIVERS
SN75500E TI-SN75500E Datasheet
343Kb / 6P
[Old version datasheet]   AC PLASMA DISPLAY DRIVERS
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
   Plasma Display Modules
18-Jul-08
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
   Plasma Display Modules
18-Jul-08
APD-32A025A VISHAY-APD-32A025A Datasheet
297Kb / 12P
   Intelligent Plasma Display
18-Jul-08
APD-128G064A VISHAY-APD-128G064A Datasheet
48Kb / 1P
   Plasma Display Modules
Revision 08-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com