Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75976A1MDGGREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75976A1MDGGREP
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75976A1MDGGREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75976A1MDGGREP Datasheet HTML 2Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 3Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 4Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 5Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 6Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 7Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 8Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 9Page - Texas Instruments SN75976A1MDGGREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Ratings
Package Thermal Characteristics
SN75976A-EP
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS878A – JANUARY 2008 – REVISED FEBRUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.3
6
V
Bus voltage range
–10
15
V
Data I/O and control (A side) voltage range
–0.3
VCC + 0.5
V
IO
Receiver output current
±40
mA
B side and GND, Class 3, A:(3)
12
kV
B side and GND, Class 3, B(3)
400
V
Electrostatic discharge
All terminals, Class 3, A:
4
kV
All terminals, Class 3, B:
400
V
Tstg
Storage temperature
–65
150
°C
Continuous total power dissipation(4)
Internally Limited
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminals.
(3)
This absolute maximum rating is tested in accordance with MIL-STD-883, Method 3015.7.
(4)
The maximum operating junction temperature is internally limited. Use the Dissipation Rating Table to operate below this temperature.
OPERATING FACTOR(1)
TA = 70°C
TA = 125°C
PACKAGE
TA ≤ 25°C
ABOVE TA = 25°C
POWER RATING
POWER RATING
DGG
2500 mW
20 mW/
°C
1600 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RqθJA
Junction-to-ambient thermal resistance
DGG, board-mounted, no air flow
50
°C/W
RθJC
Junction-to-case thermal resistance
DGG
27
°C/W
TJS
Thermal-shutdown junction temperature
165
°C
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75976A-EP


Similar Part No. - SN75976A1MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75976A1DGG TI-SN75976A1DGG Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGG TI-SN75976A1DGG Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGG4 TI-SN75976A1DGGG4 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A1DGGG4 TI-SN75976A1DGGG4 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results

Similar Description - SN75976A1MDGGREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN55LBC976 TI1-SN55LBC976 Datasheet
462Kb / 25P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A Datasheet
719Kb / 35P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com