Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM-638019100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # TM-638019100
Description  PT-1500 Auto Grip Pull Tester Operation Manual
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

TM-638019100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  TM-638019100 Datasheet HTML 1Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 2Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 3Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 4Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 5Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 6Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 7Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 8Page - Molex Electronics Ltd. TM-638019100 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Auto Grip Pull Tester
Doc No: TM-638019100
Release Date: 08-10-09
UNCONTROLLED COPY
Page 2 of 15
Revision: B
Revision Date: 10-01-09
WARNING
NEVER
OPERATE, SERVICE, INSTALL, OR ADJUST THIS PULL TESTER WITHOUT PROPER
INSTRUCTION AND WITHOUT FIRST READING AND UNDERSTANDING THE INSTRUCTIONS
IN THIS MANUAL.
NEVER
REGARDLESS OF WHETHER THE DISPLAY MODULE (FORCE GAUGE) IS ON OR OFF, DO
NOT EXCEED THE CAPACITY OF THE DISPLAY MODULE. AT 230 LBF (105 kgf), THE DISPLAY
WILL FLASH. NEVER EXCEED THE MAXIMUM CAPACITY OF 440 LBF (200 kgf), OR THE LOAD
CELL WILL BE DAMAGED. AVOID SHOCK LOAD.
WARNING!
FAILURE TO ALLOW FOR SUFFICIENT OVERLOAD CAPACITY IN THE LOAD, STRUCTURE
AND MOUNTING ELEMENTS, MAY RESULT IN PROPERTY DAMAGE, SERIOUS INJURY, AND
EVEN DEATH.
CAUTION
When mounting display module, after recalibration or repair, use M4 mounting screws with a
maximum insertion depth of 5mm into the display module. Only use mounting hardware supplied.
CAUTION
Hand tighten wire terminal grip only. Do not use tools.
CAUTION
Do not remove the warranty seal or disassemble the display module. Disassembly will void the
warranty.
CAUTION
Molex crimp specifications are valid only when used with Molex terminals, terminators and tooling.
CAUTION
Specifications subject to change without notice.
CAUTION
Always wear safety glasses.
WORK SAFELY AT ALL TIMES
For Service, Contact Your
Local Molex Sales Office
Molex Application Tooling Group
2200 Wellington Court
Lisle, Illinois 60532, USA
Tel: 630-969-4550
Fax: 630-505-0049


Similar Part No. - TM-638019100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
TM-638019700 MOLEX2-TM-638019700 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
More results

Similar Description - TM-638019100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638019100 MOLEX11-0638019100 Datasheet
27Kb / 1P
   PT-1500 Bench-Top Wire Crimp Pull-Force Tester, Manual Lever-operated for 5.84mm 8-30 AWG
TM-638019700 MOLEX2-TM-638019700 Datasheet
2Mb / 13P
   Hand Held Pull Tester Instruction Manual
logo
List of Unclassifed Man...
PT-350 ETC2-PT-350 Datasheet
133Kb / 1P
   Pockey Continuity Tester Toner - PT-300
logo
Molex Electronics Ltd.
0638019700 MOLEX-0638019700 Datasheet
253Kb / 45P
   Hand-Held Wire Crimp Pull-Force Tester
03/10/2020
logo
M-System Co.,Ltd.
HPSN MSYSTEM-HPSN Datasheet
65Kb / 1P
   MANUAL OPERATION HANDLE
logo
Molex Electronics Ltd.
0638019700 MOLEX11-0638019700 Datasheet
46Kb / 1P
   Hand-Held Wire Crimp Pull-Force Tester
logo
PHOENIX CONTACT
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
   With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
   With detectable manual operation
logo
Molex Electronics Ltd.
0011219757 MOLEX11-0011219757 Datasheet
505Kb / 15P
   OPERATION & SET-UP MANUAL
logo
Gamewell-FCI by Honeywe...
MS95-SL GAMEWELL-FCI-MS95-SL Datasheet
450Kb / 2P
   Addressable XP95 Manual Pull Stations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com