Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5721DCA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5721DCA
Description  Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5721DCA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5721DCA Datasheet HTML 4Page - Texas Instruments TAS5721DCA Datasheet HTML 5Page - Texas Instruments TAS5721DCA Datasheet HTML 6Page - Texas Instruments TAS5721DCA Datasheet HTML 7Page - Texas Instruments TAS5721DCA Datasheet HTML 8Page - Texas Instruments TAS5721DCA Datasheet HTML 9Page - Texas Instruments TAS5721DCA Datasheet HTML 10Page - Texas Instruments TAS5721DCA Datasheet HTML 11Page - Texas Instruments TAS5721DCA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
TAS5721
SLOS739 – JULY 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted).
(1)
VALUE
UNIT
DVDD, AVDD, DRVDD
–0.3 to 3.6
V
Supply voltage
PVDD
–0.3 to 30
V
DR_INx
–0.3 to DRVDD + 6 V
V
3.3-V digital input
–0.5 to DVDD + 0.5
Input voltage
5-V tolerant(2) digital input (except MCLK)
–0.5 to DVDD + 2.5(3)
V
5-V tolerant MCLK input
–0.5 to AVDD + 2.5(3)
SPK_OUTx to GND
32(4)
V
BSTRPx to GND
39(4)
V
Operating free-air temperature
0 to 85
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RST, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6 V.
(4)
DC voltage + peak AC waveform measured at the pin should be below the allowed limit for all conditions.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
xVDD
Digital, analog, headphone supply
3
3.3
3.6
V
voltage
PVDD
Half-bridge supply voltage
8
26.4(1)
V
VIH
High-level input voltage
5-V tolerant
2
V
VIL
Low-level input voltage
5-V tolerant
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
(2)
Operating junction temperature range
0
125
°C
RSPK
Minimum Supported Speaker
(SE, BTL, and
Output filter: L = 15
μH, C = 330 nF
4
8
Impedance
PBTL)
Minimum output inductance
Lo(BTL)
Output-filter inductance
10
μH
under short-circuit condition
RHP
Headphone mode load impedance
16
32
Ω
RLD
Line-diver mode load impedance
0.6
10
k
Ω
(1)
For operation at PVDD levels greater than 18 V, the modulation limit must be set to 93.8% via the control port register 0x10.
(2)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
ELECTRICAL CHARACTERISTICS
I/O Pin Characteristics
PVDD = 18 V, AVDD = DRVDD = DVDD = 3.3 V, external components per Typical Application Circuit diagrams, and in
accordance with recommended operating conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA
VOH
High-level output voltage
2.4
DVDD = AVDD = 3 V
ADR/FAULT and SDA
V
IOL = 4 mA
VOL
Low-level output voltage
0.5
DVDD = AVDD = 3 V
VI < VIL ; DVDD = AVDD
IIL
Low-level input current
75
= 3.6 V
Digital Inputs
μA
VI > VIH ; DVDD =
IIH
High-level input current
75
AVDD = 3.6 V
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TAS5721


Similar Part No. - TAS5721DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721DCA TI1-TAS5721DCA Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier
TAS5721DCAR TI1-TAS5721DCAR Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
More results

Similar Description - TAS5721DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5721 TI1-TAS5721_17 Datasheet
1Mb / 78P
[Old version datasheet]   Digital Audio Power Amplifier With EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5721 TI-TAS5721_15 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Audio Power Amplifier with EQ, DRC, 2.1 Support, and Headphone/Line Driver
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711 TI1-TAS5711_14 Datasheet
2Mb / 67P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
logo
Anpec Electronics Corop...
APA3169 ANPEC-APA3169 Datasheet
1Mb / 53P
   20W Stereo Digital Class-D Audio Power Amplifier with EQ, DRC and 2.1 Mode
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
   2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com