Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA7408 Datasheet(PDF) 4 Page - Texas Instruments

Part # TCA7408
Description  Low-Voltage 8-Bit I2C and SMBus I/O Expander with Interrupt Output, RESET, I/ODirection Registers, and Programmable Pull-up/Pull-down
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA7408 Datasheet(HTML) 4 Page - Texas Instruments

  TCA7408 Datasheet HTML 1Page - Texas Instruments TCA7408 Datasheet HTML 2Page - Texas Instruments TCA7408 Datasheet HTML 3Page - Texas Instruments TCA7408 Datasheet HTML 4Page - Texas Instruments TCA7408 Datasheet HTML 5Page - Texas Instruments TCA7408 Datasheet HTML 6Page - Texas Instruments TCA7408 Datasheet HTML 7Page - Texas Instruments TCA7408 Datasheet HTML 8Page - Texas Instruments TCA7408 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data From
Shift Reg.
Write PD/PU
PDZ / PU
Register
D
Q
OFF
QZ
PD/PU Data
PULL ENAB
Register
Data From
Shift Reg.
Write PULL ENAB
D
Q
OFF
QZ
PULL ENAB Data
Data From
Shift Reg.
Write OUT STATE
OUT STATE
Register
OUT STATE Data
D
Q
OFF
QZ
Write OUT HIGHZ
Data From
Shift Reg.
OUT HIGHZ Data
D
Q
OFF
QZ
OUT HIGHZ
Register
IO DIR.
Register
Data From
Shift Reg.
IO DIR Data
Write IO DIRECTION
D
Q
OFF
QZ
IN DEFAULT
Register
Data From
Shift Reg.
Write INPUT DEFAULT
D
Q
OFF
QZ
INPUT DEF STATE Data
INPUT STATUS Data
D
Q
OFF
QZ
Data From
Shift Reg.
Write INT MASK
INT MASK
Register
INT STAT
Register
D
Q
OFF
QZ
INTERUPT STATUS Data
VDD
Q1
Q3
D1
ESD
Protection
Diode
R1
100k
GPIO
100k
R2
Q4
D2
ESD
Protection
Diode
GND
Q2
INT MASK Data
To INTz
(One of ANDed 8)
TCA7408
SCPS235
– NOVEMBER 2011
www.ti.com
SIMPLIFIED LOGIC DIAGRAM (POSITIVE LOGIC)
On power up or reset, all registers return to default values.
I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, which creates a high-impedance input.
If the I/O is configured as an output, Q1 or Q2 is enabled depending on the state of the Output Port Register. In
this case, there are low impedance paths between the I/O pin and either VCCP or GND. The external voltage
applied to this I/O pin should not exceed the recommended levels for proper operation.
Q4 is turned on at power-on to enable the pull down resistor. Q3 and Q4 are enabled accordingly to the
Pull-up/-down Select Register and the Pull-up/-down Enable Register.
When the GPIO-port is set as an output the input buffers are disabled such that the bus is allowed to float.
I
2C INTERFACE
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to VCCI through a pull-up resistor when connected to the output stages of a device. Data transfer may
be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a Start condition, a high-to-low transition on
the SDA input/output, while the SCL input is high. After the Start condition, the device address byte is sent, most
significant bit (MSB) first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse. The address (ADDR) input of the slave device must
not be changed between the Start and the Stop conditions.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (Start or Stop).
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TCA7408


Similar Part No. - TCA7408

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA7408ZSZ TI1-TCA7408ZSZ Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

Similar Description - TCA7408

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCA9595 NEXPERIA-NCA9595 Datasheet
436Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
NCA9595-Q100 NEXPERIA-NCA9595-Q100 Datasheet
474Kb / 30P
   Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output, configuration registers and programmable pull-up resistors
Rev. 1 - 25 April 2023
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com