Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6408APWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6408APWR
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6408APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA6408APWR Datasheet HTML 4Page - Texas Instruments TCA6408APWR Datasheet HTML 5Page - Texas Instruments TCA6408APWR Datasheet HTML 6Page - Texas Instruments TCA6408APWR Datasheet HTML 7Page - Texas Instruments TCA6408APWR Datasheet HTML 8Page - Texas Instruments TCA6408APWR Datasheet HTML 9Page - Texas Instruments TCA6408APWR Datasheet HTML 10Page - Texas Instruments TCA6408APWR Datasheet HTML 11Page - Texas Instruments TCA6408APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Device Address
0
Slave Address
0
1
0
0 AD
DR R/W
Fixed
Programmable
0
Control Register and Command Byte
B2
B1
B0
B5
B4
B3
B7
B6
TCA6408A
SCPS192C–APRIL 2009–REVISED JULY 2009............................................................................................................................................................. www.ti.com
Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
L
L
L
L
ADDR
R/W
I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
The address of the TCA6408A is shown in Figure 4.
Figure 4. TCA6408A Address
Address Reference
ADDR
I2C BUS SLAVE ADDRESS
L
32 (decimal), 20 (hexadecimal)
H
33 (decimal), 21 (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Following the successful acknowledgement of the address byte, the bus master sends a command byte, which is
stored in the Control Register in the TCA6408A. Two bits of this data byte state the operation (read or write) and
the internal registers (Input, Output, Polarity Inversion, or Configuration) that will be affected. This register can be
written or read through the I2C bus. The command byte is sent only during a write transmission.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND
POWER-UP
BYTE
REGISTER
PROTOCOL
DEFAULT
B7
B6
B5
B4
B3
B2
B1
B0
(HEX)
0
0
0
0
0
0
0
0
00
Input Port
Read byte
xxxx xxxx
0
0
0
0
0
0
0
1
01
Output Port
Read/write byte
1111 1111
0
0
0
0
0
0
1
0
02
Polarity Inversion
Read/write byte
0000 0000
0
0
0
0
0
0
1
1
03
Configuration
Read/write byte
1111 1111
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6408A


Similar Part No. - TCA6408APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
TCA6408AQPWRQ1 TI1-TCA6408AQPWRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
More results

Similar Description - TCA6408APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com