Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54011UCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN54011UCX
Description  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54011UCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN54011UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
2
Ordering Information
Part Number
Temperature Range
Package
PN Bits: IC_INFO[4:2]
Packing Method
FAN54010UCX
(1)
-40 to 85°C
20-Bump, Wafer-Level
Chip-Scale Package
(WLCSP),
0.4mm Pitch,
Estimated Size:
1.96 x 1.87mm
011
Tape and Reel
FAN54011UCX
(1)
-40 to 85°C
001
Tape and Reel
FAN54012UCX
(1)
-40 to 85°C
011
Tape and Reel
FAN54013UCX
-40 to 85°C
101
Tape and Reel
FAN54014UCX
(1)
-40 to 85°C
111
Tape and Reel
FAN54015UCX
(1)
-40 to 85°C
101
Tape and Reel
Note:
1.
Preliminary release only; please contact a Fairchild representative for information about part availability.
Table 1. Feature Comparison Summary
Part Number
PN Bits:
REG3[4:2]
Slave
Address
Automatic
Charge
Special
Charger
(2)
Safety
Limits
Battery
Absent
Behavior
E2 Pin
VREG
(E3 Pin)
FAN54010UCX
011
1101011
Yes
No
No
OFF
AUXPWR
(Connect
to VBAT)
PMID
FAN54011UCX
001
1101011
No
No
No
OFF
FAN54012UCX
011
1101011
Yes
No
No
ON
FAN54013UCX
101
1101011
Yes
Yes
Yes
OFF
DISABLE
1.8V
FAN54014UCX
111
1101011
No
Yes
Yes
OFF
FAN54015UCX
101
1101010
Yes
Yes
Yes
ON
Note:
2.
A “special charger” is a current-limited charger that is not a USB compliant source.
Table 2. Recommended External Components
Component
Description
Vendor
Parameter
Typ.
Unit
L1
1
H ±20%, 1.6A
DCR=55m
, 2520
Murata: LQM2HPN1R0
L
1.0
H
1
H ±30%, 1.4A
DCR=85m
, 2016
Murata: LQM2MPN1R0
CBAT
10
F, 20%, 6.3V, X5R, 0603
Murata: GRM188R60J106M
TDK: C1608X5R0J106M
C
10
F
CMID
4.7
F, 10%, 6.3V, X5R, 0603
Murata: GRM188R60J475K
TDK: C1608X5R0J475K
C
(3)
4.7
F
CBUS
1.0
F, 10%, 25V, X5R, 0603
Murata GRM188R61E105K
TDK:C1608X5R1E105M
C
1.0
F
Note:
3.
A 6.3V rating is sufficient for CMID since PMID is protected from over-voltage surges on VBUS by Q3 (Figure 3).


Similar Part No. - FAN54011UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN54011UCX FAIRCHILD-FAN54011UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54011UCX(1) FAIRCHILD-FAN54011UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Similar Description - FAN54011UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com