Electronic Components Datasheet Search |
|
FAN54013UCX Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FAN54013UCX Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 37 page © 2011 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN5401X Family • Rev. 1.0.2 2 Ordering Information Part Number Temperature Range Package PN Bits: IC_INFO[4:2] Packing Method FAN54010UCX (1) -40 to 85°C 20-Bump, Wafer-Level Chip-Scale Package (WLCSP), 0.4mm Pitch, Estimated Size: 1.96 x 1.87mm 011 Tape and Reel FAN54011UCX (1) -40 to 85°C 001 Tape and Reel FAN54012UCX (1) -40 to 85°C 011 Tape and Reel FAN54013UCX -40 to 85°C 101 Tape and Reel FAN54014UCX (1) -40 to 85°C 111 Tape and Reel FAN54015UCX (1) -40 to 85°C 101 Tape and Reel Note: 1. Preliminary release only; please contact a Fairchild representative for information about part availability. Table 1. Feature Comparison Summary Part Number PN Bits: REG3[4:2] Slave Address Automatic Charge Special Charger (2) Safety Limits Battery Absent Behavior E2 Pin VREG (E3 Pin) FAN54010UCX 011 1101011 Yes No No OFF AUXPWR (Connect to VBAT) PMID FAN54011UCX 001 1101011 No No No OFF FAN54012UCX 011 1101011 Yes No No ON FAN54013UCX 101 1101011 Yes Yes Yes OFF DISABLE 1.8V FAN54014UCX 111 1101011 No Yes Yes OFF FAN54015UCX 101 1101010 Yes Yes Yes ON Note: 2. A “special charger” is a current-limited charger that is not a USB compliant source. Table 2. Recommended External Components Component Description Vendor Parameter Typ. Unit L1 1 H ±20%, 1.6A DCR=55m , 2520 Murata: LQM2HPN1R0 L 1.0 H 1 H ±30%, 1.4A DCR=85m , 2016 Murata: LQM2MPN1R0 CBAT 10 F, 20%, 6.3V, X5R, 0603 Murata: GRM188R60J106M TDK: C1608X5R0J106M C 10 F CMID 4.7 F, 10%, 6.3V, X5R, 0603 Murata: GRM188R60J475K TDK: C1608X5R0J475K C (3) 4.7 F CBUS 1.0 F, 10%, 25V, X5R, 0603 Murata GRM188R61E105K TDK:C1608X5R1E105M C 1.0 F Note: 3. A 6.3V rating is sufficient for CMID since PMID is protected from over-voltage surges on VBUS by Q3 (Figure 3). |
Similar Part No. - FAN54013UCX |
|
Similar Description - FAN54013UCX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |