Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFB2002BIPPM Datasheet(PDF) 8 Page - Texas Instruments

Part # TFB2002BIPPM
Description  FUTUREBUS I/O CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFB2002BIPPM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TFB2002BIPPM Datasheet HTML 4Page - Texas Instruments TFB2002BIPPM Datasheet HTML 5Page - Texas Instruments TFB2002BIPPM Datasheet HTML 6Page - Texas Instruments TFB2002BIPPM Datasheet HTML 7Page - Texas Instruments TFB2002BIPPM Datasheet HTML 8Page - Texas Instruments TFB2002BIPPM Datasheet HTML 9Page - Texas Instruments TFB2002BIPPM Datasheet HTML 10Page - Texas Instruments TFB2002BIPPM Datasheet HTML 11Page - Texas Instruments TFB2002BIPPM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TFB2002BI
FUTUREBUS+ I/O CONTROLLER
SLLS182 – AUGUST 1994
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
Futurebus+ interface
TERMINAL
I/O
FROM/TO
DESCRIPTION
NAME
NO.
I/O
FROM/TO
DESCRIPTION
ADRCV
45
O
Futurebus+
Transceiver receiver enable
ADDRV*
46
O
Futurebus+
Transceiver driver enable
ASI, AKI, AII
100, 103, 108
I
Futurebus+
Futurebus+ address synchronization signals: address strobe (ASI), address
acknowledge (AKI), address acknowledge inverse (AII)
ASO, AKO, AIO
99, 101, 107
O
Futurebus+
Futurebus+ address synchronization signals: address strobe (ASO), address
acknowledge (AKO), address acknowledge inverse (AIO)
CAI < 2:0 >
84, 87, 89
I
Futurebus+
Futurebus+ capability bits
CAO < 2:0 >
83, 85, 88
O
Futurebus+
Futurebus+ capability bits
CM < 7:0 >, CP
69, 71, 72, 73,
75, 76, 77, 79,
80
I/O
Futurebus+
Futurebus+ command bits and parity
CMWR*
81
O
Futurebus+
Transceiver control for command: H = read, L = write
DSI, DKI, DII
105, 95, 97
I
Futurebus+
Futurebus+ data-path-synchronization input signals: data strobe (DSI), data
acknowledge (DKI), data acknowledge inverse (DII)
DSO, DKO, DIO
104, 93, 96
O
Futurebus+
Futurebus+ data-path-synchronization output signals: data strobe (DSO), data
acknowledge (DKO), data acknowledge inverse (DIO)
ETI
92
I
Futurebus+
Futurebus+ end-of-tenure in
ETO
91
O
Futurebus+
Futurebus+ end-of-tenure out
GR
117
I
Futurebus+
Futurebus+ mastership has been granted (bus tenure may begin when ETI is
released).
PE
116
I
Futurebus+
Futurebus+ preemption has occurred.
RQ < 1:0 >
120, 119
O
Futurebus+
Futurebus+ is requested at level 1 or level 0. RQO is used for DMA operations; RQ1
is used for all other operations.
STI < 7:0 >
49, 52, 55, 57,
60, 63, 65, 68
I
Futurebus+
Futurebus+ status in
STO < 7:0 >
48, 51, 53, 56,
59, 61, 64, 67
O
Futurebus+
Futurebus+ status out
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (at any input)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
500 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: All voltage values are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
PPM
3175 mW
25.4 mW/
°C
2032 mW


Similar Part No. - TFB2002BIPPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010MHSB TI1-TFB2010MHSB Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2010PJM TI1-TFB2010PJM Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
TFB2022A TI1-TFB2022A Datasheet
160Kb / 10P
[Old version datasheet]   FUTUREBUS DATA PATH UNIT
TFB2022AI TI1-TFB2022AI Datasheet
160Kb / 10P
[Old version datasheet]   FUTUREBUS DATA PATH UNIT
More results

Similar Description - TFB2002BIPPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFB2010 TI1-TFB2010 Datasheet
121Kb / 9P
[Old version datasheet]   FUTUREBUS ARBITRATION BUS CONTROLLER
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
   I/O Controller Hub
logo
Red Lion Controls. Inc
ST-GT-1210 REDLION-ST-GT-1210 Datasheet
317Kb / 1P
   Indusrial I/O Controller
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
   Super I/O Controller
logo
C-Media Electronics
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
   USB I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
   USB Audio I/O Controller
CM106F++ CMEDIA-CM106F+ Datasheet
1Mb / 41P
   USB Audio I/O Controller
logo
Intel Corporation
316972-004 INTEL-316972-004 Datasheet
6Mb / 884P
   Intel I/O Controller Hub 9
307013-003 INTEL-307013-003 Datasheet
6Mb / 848P
   Intel I/O Controller Hub 7
319973-003 INTEL-319973-003 Datasheet
5Mb / 840P
   Intel I/O Controller Hub 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com