Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1206MDAREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS1206MDAREP
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1206MDAREP Datasheet(HTML) 2 Page - Texas Instruments

  THS1206MDAREP Datasheet HTML 1Page - Texas Instruments THS1206MDAREP Datasheet HTML 2Page - Texas Instruments THS1206MDAREP Datasheet HTML 3Page - Texas Instruments THS1206MDAREP Datasheet HTML 4Page - Texas Instruments THS1206MDAREP Datasheet HTML 5Page - Texas Instruments THS1206MDAREP Datasheet HTML 6Page - Texas Instruments THS1206MDAREP Datasheet HTML 7Page - Texas Instruments THS1206MDAREP Datasheet HTML 8Page - Texas Instruments THS1206MDAREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
THS1206EP
12BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOGTODIGITAL CONVERTERS
SGLS126A − JULY 2002 − REVISED FEBRUARY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the
application. Two different conversion modes can be selected. In single conversion mode, a single and
simultaneous conversion of up to four inputs can be initiated by using the single conversion start signal
(CONVST). The conversion clock in single conversion mode is generated internally using a clock oscillator
circuit. In continuous conversion mode, an external clock signal is applied to the CONV_CLK input of the
THS1206. The internal clock oscillator is switched off in continuous conversion mode.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−55
°C to 125°C
TSSOP − DA
Tape and reel
THS1206MDAREP
THS1206MEP
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
functional block diagram
Logic
and
Control
12 Bit
Pipeline
ADC
S/H
S/H
S/H
S/H
Single
Ended
and/or
Differential
MUX
+
VREFP
VREFM
1.5 V
3.5 V
1.225 V
REF
FIFO
16
× 12
12
12
Buffers
2.5 V
Control
Register
AVDD
DVDD
AGND
DGND
REFOUT
DATA_AV
BVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10/RA0
D11/RA1
BGND
REFP
REFM
AINP
AINM
BINP
BINM
CONV_CLK (CONVST)
CS0
CS1
RD
WR (R/W)
REFIN


Similar Part No. - THS1206MDAREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206MDAREP TI-THS1206MDAREP Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com