Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4509-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509-Q1
Description  WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4509-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4509-Q1 Datasheet HTML 4Page - Texas Instruments THS4509-Q1 Datasheet HTML 5Page - Texas Instruments THS4509-Q1 Datasheet HTML 6Page - Texas Instruments THS4509-Q1 Datasheet HTML 7Page - Texas Instruments THS4509-Q1 Datasheet HTML 8Page - Texas Instruments THS4509-Q1 Datasheet HTML 9Page - Texas Instruments THS4509-Q1 Datasheet HTML 10Page - Texas Instruments THS4509-Q1 Datasheet HTML 11Page - Texas Instruments THS4509-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TYPICAL CHARACTERISTICS
TYPICAL AC PERFORMANCE: VS+ – VS– = 5 V
THS4509-Q1
SLOS547 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Test conditions unless otherwise noted: VS+ = +2.5 V, VS– = –2.5V, CM = open, VO = 2 Vpp, RF = 349 Ω, RL = 200 Ω
differential, G = 10 dB, single-ended input, input and output referenced to midrail
Small-Signal Frequency Response
Figure 1
Large Signal Frequency Response
Figure 2
HD2, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 3
HD3, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 4
HD2, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 5
HD3, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 6
HD2, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 7
Harmonic Distortion
HD3, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 8
HD2, G = 10 dB
vs Output Voltage
Figure 9
HD3, G = 10 dB
vs Output Voltage
Figure 10
HD2, G = 10 dB
vs Common-Mode Output Voltage
Figure 11
HD3, G = 10 dB
vs Common-Mode Output Voltage
Figure 12
IMD2, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 13
IMD3, G = 6 dB, VOD = 2 VPP
vs Frequency
Figure 14
IMD2, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 15
Intermodulation Distortion
IMD3, G = 10 dB, VOD = 2 VPP
vs Frequency
Figure 16
IMD2, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 17
IMD3, G = 14 dB, VOD = 2 VPP
vs Frequency
Figure 18
OIP2
vs Frequency
Figure 19
Output Intercept Point
OIP3
vs Frequency
Figure 20
0.1-dB Flatness
Figure 21
S-Parameters
vs Frequency
Figure 22
Transition Rate
vs Output Voltage
Figure 23
Transient Response
Figure 24
Settling Time
Figure 25
Rejection Ratio
vs Frequency
Figure 26
Output Impedance
vs Frequency
Figure 27
Overdrive Recovery
Figure 28
Output Voltage Swing
vs Load Resistance
Figure 29
Turn-Off Time
Figure 30
Turn-On Time
Figure 31
Input Offset Voltage
vs Input Common-Mode Voltage
Figure 32
Open-Loop Gain and Phase
vs Frequency
Figure 33
Input Referred Noise
vs Frequency
Figure 34
Noise Figure
vs Frequency
Figure 35
Quiescent Current
vs Supply Voltage
Figure 36
Power-Supply Current
vs Supply Voltage in Power-Down Mode
Figure 37
Output Balance Error
vs Frequency
Figure 38
CM Input Impedance
vs Frequency
Figure 39
CM Small-Signal Frequency Response
Figure 40
CM Input Bias Current
vs CM Input Voltage
Figure 41
Differential Output Offset Voltage
vs CM Input Voltage
Figure 42
Output Common-Mode Offset
vs CM Input Voltage
Figure 43
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS4509-Q1


Similar Part No. - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com