Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4511-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4511-SP
Description  RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4511-SP Datasheet(HTML) 1 Page - Texas Instruments

  THS4511-SP Datasheet HTML 1Page - Texas Instruments THS4511-SP Datasheet HTML 2Page - Texas Instruments THS4511-SP Datasheet HTML 3Page - Texas Instruments THS4511-SP Datasheet HTML 4Page - Texas Instruments THS4511-SP Datasheet HTML 5Page - Texas Instruments THS4511-SP Datasheet HTML 6Page - Texas Instruments THS4511-SP Datasheet HTML 7Page - Texas Instruments THS4511-SP Datasheet HTML 8Page - Texas Instruments THS4511-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
APPLICATIONS
RELATED PRODUCTS
THS4511
VIN
R =75
S
W
VSignal
VS-
VCM =2.5V
RO
RO
-
+
V
=5V
S+
175 W
175 W
75 W
130 W
130 W
348 W
348 W
V
OD
VideoSource
THS4511–SP
SLOS538A – SEPTEMBER 2007 – REVISED OCTOBER 2007
www.ti.com
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
• Fully Differential Architecture
• Common-Mode Input Range Includes Negative
The THS4511 is a fully differential operational
amplifier
designed
for
single-supply
5
V
Rail
data-acquisition systems. It has very low noise at
• Minimum Gain of 2 V/V (6 dB)
2 nV/
√Hz, and extremely low harmonic distortion of
• Bandwidth: 1.1 GHz (Gain = 6 dB)
–76 dBc HD2 and –88 dBc HD3 at 70 MHz with
• Slew Rate: 5100 V/μs
2 Vpp, G = 14 dB, and 100
Ω load. Slew rate is very
high at 5100 V/
μs and with settling time of 5.5 ns to
• 1% Settling Time: 5.5 ns
1% (2 V step) it is ideal for pulsed applications. It is
• HD
2: –76 dBc at 70 MHz
designed for minimum gain of 6 dB.
• HD
3: –88 dBc at 70 MHz
To allow for dc coupling to ADCs, its unique output
• OIP
2: 84 dBm at 70 MHz
common-mode control circuit maintains the output
• OIP
3: 42 dBm at 70 MHz
common-mode voltage within 5 mV offset (typical)
from the set voltage, when set within ±0.5 V of
• Input Voltage Noise: 2 nV/√Hz (f > 10 MHz)
mid-supply. The common-mode set point is set to
• Noise Figure: 21.8 dB (50 Ω System, G = 6 dB)
mid-supply by internal circuitry,
which
may
be
• Output Common-Mode Control
over-driven from an external source.
• 5 V Power Supply Current: 39.2 mA
The THS4511 is a high-performance amplifier that
• Power-Down Capability: 0.65 mA
has been optimized for use in 5 V single-supply data
acquisition systems. The output has been optimized
• Rad-Tolerant: 150 kRad (Si) TID
for best performance with its common-mode voltages
• QML-V Qualified, SMD 5962-07222
set to mid-supply, and the input has been optimized
for performance over a wide range of common-mode
input
voltages.
High
performance
at
a
low
power-supply voltage enables single-supply 5 V
• 5 V Data-Acquisition Systems
data-acquisition systems while minimizing component
• High Linearity ADC Amplifier
count.
• Wireless Communication
The THS4511 is offered in a 16-pin ceramic flatpack
• Medical Imaging
package (W), and is characterized for operation over
• Test and Measurement
the full military temperature range from –55
°C to
125
°C.
Video Buffer, Single Ended to Differential
MINIMUM
COMMON-MODE
DEVICE
GAIN
RANGE OF INPUT(1)
THS4511-SP
6 dB
–0.3 V to 2.3 V
THS4513-SP
6 dB
0.75 V to 4.25 V
(1) Assumes a 5 V single-ended power supply
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4511-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4511-SP NSC-THS4511-SP Datasheet
811Kb / 25P
   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511-SP TI-THS4511-SP Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4511-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511-SP NSC-THS4511-SP Datasheet
811Kb / 25P
   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI-THS4513-SP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4304-SP TI1-THS4304-SP Datasheet
836Kb / 22P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND OPERATIONAL AMPLIFIER
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
SN55183-SP TI1-SN55183-SP Datasheet
222Kb / 12P
[Old version datasheet]   RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE DRIVER
THS4500-EP TI1-THS4500-EP_15 Datasheet
643Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4500-EP NSC-THS4500-EP Datasheet
646Kb / 38P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com