Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPSG507ACFN Datasheet(PDF) 6 Page - Texas Instruments

Part # TIBPSG507ACFN
Description  13 횞 80 횞 8 PROGRAMMABLE SEQUENCE GENERATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPSG507ACFN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TIBPSG507ACFN Datasheet HTML 2Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 3Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 4Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 5Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 6Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 7Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 8Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 9Page - Texas Instruments TIBPSG507ACFN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
tw
ns
Pulse duration
Setup time before CLK active transition†
ns
tsu
TIBPSG507AC
13
× 80 × 8 PROGRAMMABLE SEQUENCE GENERATOR
SRPS002D – D3029, MAY 1987 – REVISED NOVEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 3)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 3)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 3)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 3: These ratings apply except for programming pins during a programming cycle or during the diagnostic mode.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
– 3.2
mA
IOL
Low-level output current
16
mA
Clock high
6
Clock low
6
Input or feedback to S/R
↑ inputs
12
Input or feedback to S/R
↓ inputs‡
19
Input or feedback to SCLR0
20
Input or feedback to CNT/HLD0
25
Input or feedback at S/R inputs
0
th
Hold time after CLK active transition†
Input or feedback at SCLR0
0
ns
Input or feedback at CNT/HLD0
0
TA
Operating free-air temperature
0
25
75
°C
† Internal setup and hold times, tsu feedback to SCLR1, feedback to CNT/HLD1; th feedback at SCLR1 and feedback at CNT/HLD1, are
guaranteed by fmax specifications. The active transition of CLK is determined by the programmed state of the CLK polarity fuse.
‡ See the OR term loading section and Figure 3.


Similar Part No. - TIBPSG507ACFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8 TI-TIBPAL16L8 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
240Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10 TI-TIBPAL16L8-10 Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10C TI-TIBPAL16L8-10C Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
TIBPAL16L8-10CFN TI-TIBPAL16L8-10CFN Datasheet
234Kb / 23P
[Old version datasheet]   HIGH-PERFORMANCE IMPACT-X E PAL CIRCUITS
More results

Similar Description - TIBPSG507ACFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
[Old version datasheet]   13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com