Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL507 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL507
Description  ANALOG-TO-DIGITAL CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL507 Datasheet(HTML) 4 Page - Texas Instruments

  TL507 Datasheet HTML 1Page - Texas Instruments TL507 Datasheet HTML 2Page - Texas Instruments TL507 Datasheet HTML 3Page - Texas Instruments TL507 Datasheet HTML 4Page - Texas Instruments TL507 Datasheet HTML 5Page - Texas Instruments TL507 Datasheet HTML 6Page - Texas Instruments TL507 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL507C, TL507l
ANALOGTODIGITAL CONVERTER
SLAS041 − OCTOBER 1979 − REVISED OCTOBER 1988
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
output section
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IOH
High-level output current
VOH = 18 V
0.1
100
µA
IOL
Low-level output current
VOL = 5.5 V
5
10
15
mA
VOL
Low-level output voltage
IOL = 1.6 mA
80
400
mV
operating characteristics over recommended operating free-air temperature range,
VCC1 = VCC2 = 5.12 V
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Overall error
±80
mV
Differential nonlinearity
See Figure 1
±20
mV
Zero error‡
Binary count = 0
±80
mV
Scale error
Binary count =127
±80
mV
Full scale input voltage‡
Binary count = 127
3.74
3.82
3.9
V
Propagation delay time from RESET or ENABLE
2
µs
† All typical values are at TA = 25°C.
‡ These parameters are linear functions of VCC1.
definitions
zero error
The absolute value of the difference between the actual analog voltage at the 01H-to-00H transition and the
ideal analog voltage at that transition.
overall error
The magnitude of the deviation from a straight line between the endpoints of the transfer function.
differential nonlinearity
The maximum deviation of an analog-value change associated with a 1-bit code change (1 clock pulse) from
its theoretical value of 1 LSB.


Similar Part No. - TL507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL507C TI-TL507C Datasheet
124Kb / 8P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
TL507CP TI-TL507CP Datasheet
124Kb / 8P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
TL507L TI-TL507L Datasheet
124Kb / 8P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TL507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com