Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL750M05CKCS Datasheet(PDF) 3 Page - Texas Instruments

Part # TL750M05CKCS
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL750M05CKCS Datasheet(HTML) 3 Page - Texas Instruments

  TL750M05CKCS Datasheet HTML 1Page - Texas Instruments TL750M05CKCS Datasheet HTML 2Page - Texas Instruments TL750M05CKCS Datasheet HTML 3Page - Texas Instruments TL750M05CKCS Datasheet HTML 4Page - Texas Instruments TL750M05CKCS Datasheet HTML 5Page - Texas Instruments TL750M05CKCS Datasheet HTML 6Page - Texas Instruments TL750M05CKCS Datasheet HTML 7Page - Texas Instruments TL750M05CKCS Datasheet HTML 8Page - Texas Instruments TL750M05CKCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TL750M SERIES
www.ti.com
SLVS021N – JANUARY 1988 – REVISED AUGUST 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over virtual junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Continuous input voltage
26
V
Transient input voltage (see Figure 3)
60
V
Continuous reverse input voltage
–15
V
Transient reverse input voltage
t = 100 ms
–50
V
KCS package
22
qJA
Package thermal impedance(2) (3)
KTT package
25.3
°C/W
KVU package
28
TJ
Virtual-junction temperature range
0
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variation in
individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power
levels slightly above or below the rated dissipation.
(3)
The package thermal impedance is calculated in accordance with JESD 51.
THERMAL INFORMATION
TL750M
THERMAL METRIC(1)(2)
UNITS
KCS (3 PINS)
KVU (3 PINS)
KTT (3 PINS)
qJA
Junction-to-ambient thermal resistance
28.7
50.9
27.5
qJCtop
Junction-to-case (top) thermal resistance
59.8
57.9
43.2
qJB
Junction-to-board thermal resistance
0.5
34.8
17.3
°C/W
yJT
Junction-to-top characterization parameter
5.3
6
2.8
yJB
Junction-to-board characterization parameter
0.4
23.7
9.3
qJCbot
Junction-to-case (bottom) thermal resistance
0.1
0.4
0.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
TL750M05
6
26
TL750M08
9
26
VI
Input voltage
V
TL750M10
11
26
TL750M12
13
26
IO
Output current
750
mA
TJ
Operating virtual-junction temperature
0
125
°C
Copyright © 1988–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TL750M05CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750M05CKCSE3 TI-TL750M05CKCSE3 Datasheet
690Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M05CKCSE3 TI-TL750M05CKCSE3 Datasheet
1Mb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M05CKCSE3 TI-TL750M05CKCSE3 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TL750M05CKCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com