Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3601GRP Datasheet(PDF) 1 Page - Littelfuse

Part # K3601GRP
Description  Teccor짰 brand Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K3601GRP Datasheet(HTML) 1 Page - Littelfuse

  K3601GRP Datasheet HTML 1Page - Littelfuse K3601GRP Datasheet HTML 2Page - Littelfuse K3601GRP Datasheet HTML 3Page - Littelfuse K3601GRP Datasheet HTML 4Page - Littelfuse K3601GRP Datasheet HTML 5Page - Littelfuse K3601GRP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
331
©2008 Littelfuse, Inc.
Revised: August 29, 2008
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
331
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Kxxx1G Series
Multipulse™ SIDACs
Kxxx1G Series
Description
The MultipulseSIDAC is a voltage switch used in Metal-
Halide lamp ignition circuits as well as High Pressure
Sodium lamp ignition circuits for outdoor street and area
lighting. This robust solid state switch is designed to handle
lamp igniter applications requiring operation at ambient
temperatures up to 90°C where igniter circuit components
can raise SIDAC junction temperature up to 125°C, especially
when the lamp element is removed or ruptured. Its excellent
commutation time (t
COMM) makes this robust product best
suited for producing multiple pulses in each half cycle of
50/60 Hz line voltage. The MultipulseSIDAC is offered in
DO-15 axial leaded package.
Kxxx1G SIDAC has a repetitive off-state blocking voltage
(V
DRM) of 180V to 270V minimum depending actual device
type. Blocking capability is ensured by glass passivated
junctions for best reliability. Package is epoxy encapsulation
with tin-plated copper alloy leads.
Features
Electrical Specifications
Symbol
Parameters
Test Conditions
Min
Max
Unit
V
BO
Breakover/Trigger Voltage
K2201G
K2401G
K2501G
K3601G
200
220
240
340
230
250
280
380
V
V
DRM
Repetitive Peak Off-State Voltage
K2201G
K2401G
K2501G
K3601G
180
190
200
270
V
I
T(RMS)
On-State RMS Current, T
J < 125ºC
50/60Hz
Sine Wave
1
A
I
H
Dynamic Holding Current, R=100
50/60Hz
Sine Wave
160 TYP
mA
R
S
(V
BO – VS)
Switching Resistance, R
S=
________
(I
S – IBO)
50/60Hz
Sine Wave
100
t
COMM
Commutation Time T
J < 125ºC
See test circuit and
waveform in Figure 9
100
μsec
I
BO
Breakover Current
50/60Hz
Sine Wave
10
uA
I
TSM
Non-repetitive 1 cycle On-State peak value
60Hz
50Hz
20.0
16.7
A
di/dt
Critical Rate of Rise of On-State Current
150
A/μsec
dv/dt
Critical Rate of Rise of Off-State Voltage
1500
V/μsec
T
S
Storage Temperature Range
-40
+125
°C
T
J
Max Operating Junction Temperature
-40
+125
°C
R
JL
Thermal Resistance
Junction to lead
18
°C/W
Schematic Symbol
to 380V
Applications
Typical application circuit presented in Figure 10 of this data
sheet (Typical Metal Halide Ignitor Circuit).


Similar Part No. - K3601GRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3601G LITTELFUSE-K3601G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K3601G LITTELFUSE-K3601G Datasheet
225Kb / 6P
   Teccor brand Thyristors
K3601GL LITTELFUSE-K3601GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
K3601GLRP LITTELFUSE-K3601GLRP Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
More results

Similar Description - K3601GRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com