Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA564AIDWDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA564AIDWDR
Description  1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA564AIDWDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA564AIDWDR Datasheet HTML 2Page - Texas Instruments OPA564AIDWDR Datasheet HTML 3Page - Texas Instruments OPA564AIDWDR Datasheet HTML 4Page - Texas Instruments OPA564AIDWDR Datasheet HTML 5Page - Texas Instruments OPA564AIDWDR Datasheet HTML 6Page - Texas Instruments OPA564AIDWDR Datasheet HTML 7Page - Texas Instruments OPA564AIDWDR Datasheet HTML 8Page - Texas Instruments OPA564AIDWDR Datasheet HTML 9Page - Texas Instruments OPA564AIDWDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V-
V+PWR
V+PWR
V+PWR
V
OUT
V
OUT
V PWR
-
V PWR
-
T
SENSE
V-
V-
V+
T
FLAG
E/S
+IN
-IN
V
DIG
I
FLAG
I
SET
V-
PowerPAD
HeatSink
(Locatedon
topside)
(2)
(2)PowerPADisinternallyconnectedtoV .
-
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V-
V+
T
FLAG
E/S
+IN
-IN
V
DIG
I
FLAG
I
SET
V-
V-
V+PWR
V+PWR
V+PWR
V
OUT
V
OUT
V PWR
-
V PWR
-
T
SENSE
V-
PowerPAD
HeatSink
(Locatedon
bottomside)
(1)
(1)PowerPADisinternallyconnectedtoV ,
Soldering the PowerPAD to the PCB is
always required, even with applications that
havelowpowerdissipation.
-
OPA564
SBOS372E
– OCTOBER 2008 – REVISED JANUARY 2011
www.ti.com
PIN CONFIGURATIONS
OPA564AIDWP
OPA564AIDWD
HSOP-20
HSOP-20
PowerPAD on Bottom
PowerPAD on Top
PIN DESCRIPTIONS
OPA564AIDWP
OPA564AIDWD
(PAD DOWN)
(PAD UP)
PIN NO.
PIN NO.
NAME
DESCRIPTION
1, 10, 11, 20
1, 10, 11, 20
V
–Supply for Amplifier, PWR Out, and Metal PowerPAD
2
19
V+
+Supply for Signal Amplifier
Thermal Over Temperature Flag; flag is high when alarmed and device has
3
18
TFLAG
gone into thermal shutdown.
4
17
E/S
Enable/Shutdown Output Stage; take E/S low to shut down output
5
16
+IN
Noninverting Op Amp Input
6
15
–IN
Inverting Op Amp Input
+Supply for Digital Flag and E/S (referenced to V
–).
7
14
VDIG
Valid Range is (V
–) + 3.0V ≤ VDIG ≤ (V–) + 5.5V.
8
13
IFLAG
Current Limit Flag; Active High
9
12
ISET
Current Limit Set (see Applications Section)
12
9
TSENSE
Temperature Sense Pin for use with TMP411
13, 14
7, 8
V
– PWR
–Supply for Power Output Stage
15, 16
5, 6
VOUT
Output Voltage; RO is high impedance when shut down
17, 18, 19
3, 4, 2
V+ PWR
+Supply for Power Output Stage
6
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): OPA564


Similar Part No. - OPA564AIDWDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564AQDWPRQ1 TI1-OPA564AQDWPRQ1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
More results

Similar Description - OPA564AIDWDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA564-Q1 TI1-OPA564-Q1 Datasheet
1,002Kb / 34P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
OPA564 TI-OPA564_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5A, 24V, 17MHz POWER OPERATIONAL AMPLIFIER
logo
Weidmuller
2660200279 WEIDMULLER-2660200279 Datasheet
149Kb / 3P
   PRO PM 35W 24V 1.5A
logo
TiMOTION Technology Co....
TBB8 TIMOTION-TBB8 Datasheet
321Kb / 3P
   Discharging voltage 24V DC, 1.5A
20180600-D
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com