Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2227-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2227-EP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2227-EP Datasheet(HTML) 5 Page - Texas Instruments

  OPA2227-EP Datasheet HTML 1Page - Texas Instruments OPA2227-EP Datasheet HTML 2Page - Texas Instruments OPA2227-EP Datasheet HTML 3Page - Texas Instruments OPA2227-EP Datasheet HTML 4Page - Texas Instruments OPA2227-EP Datasheet HTML 5Page - Texas Instruments OPA2227-EP Datasheet HTML 6Page - Texas Instruments OPA2227-EP Datasheet HTML 7Page - Texas Instruments OPA2227-EP Datasheet HTML 8Page - Texas Instruments OPA2227-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
20
100
1k
10k
20k
0.01
0.001
0.0001
0.00001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
G = 1, R
L = 10kΩ
V
OUT = 3.5Vrms
0.01 0.10
1
10
100
1k
10k 100k
1M 10M 100M
180
160
140
120
100
80
60
40
20
0
–20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
Frequency (Hz)
OPEN-LOOP GAIN/PHASE vs FREQUENCY
G
φ
1
0.1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
-20
–0
Frequency (Hz)
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
+CMRR
+PSRR
–PSRR
0.1
10
1
100
1k
10k
100k
10k
1k
100
10
1
Frequency (Hz)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
10
100
1k
10k
100k
1M
140
120
100
80
60
40
Frequency (Hz)
CHANNEL SEPARATION vs FREQUENCY
Dual and quad devices. G = 1, all channels.
Quad measured Channel A to D, or B to C;
other combinations yield similiar or improved
rejection.
INPUT NOISE VOLTAGE vs TIME
1s/div
OPA2227-EP
www.ti.com
SBOS594 – MARCH 2012
TYPICAL CHARACTERISTICS
At TA = 25°C, RL = 10 kΩ, VS = ±15 V (unless otherwise noted).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA2227-EP


Similar Part No. - OPA2227-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2227-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2227-EP TI1-OPA2227-EP_13 Datasheet
888Kb / 23P
[Old version datasheet]   HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
OPA2277-EP TI1-OPA2277-EP_16 Datasheet
978Kb / 24P
[Old version datasheet]   High-Precision, Low-Noise Operational Amplifier
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2975H AKM-AK2975H Datasheet
1Mb / 17P
   Precision High Speed Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com