Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2234MDR Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2234MDR
Description  LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2234MDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2234MDR Datasheet HTML 5Page - Texas Instruments OPA2234MDR Datasheet HTML 6Page - Texas Instruments OPA2234MDR Datasheet HTML 7Page - Texas Instruments OPA2234MDR Datasheet HTML 8Page - Texas Instruments OPA2234MDR Datasheet HTML 9Page - Texas Instruments OPA2234MDR Datasheet HTML 10Page - Texas Instruments OPA2234MDR Datasheet HTML 11Page - Texas Instruments OPA2234MDR Datasheet HTML 12Page - Texas Instruments OPA2234MDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OPEN-LOOP GAIN/PHASE vs FREQUENCY
0.1
140
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
Frequency(Hz)
1
10
100
1k
10k
100k
1M
C
L =100pF
G
φ
V
O =0.25V
V
S =5V
±15V
V
O =
V
2
S
V
S =2.7V
CMR
+PSR
POWER-SUPPLYANDCOMMON-MODEREJECTION
vsFREQUENCY
Frequency(Hz)
120
110
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
–PSR
V
S =2.7V,5V
or 15V
±
V
S =2.7Vor5V
V
S =
15V
±
CHANNELSEPARATIONvsFREQUENCY
Frequency(Hz)
160
140
120
100
80
10
100
1k
10k
100k
Dual and quad devices.
G = 1, all channels.
Quad measured channel
A to D or B to C—other
combinationsyieldimproved
rejection.
R
L =10k
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
1
1k
100
10
Frequency(Hz)
10
100
1k
10k
100k
CurrentNoise
VoltageNoise
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
AmbientTemperature( C)
°
–20
–15
–10
–5
0
5
–75
–50
–25
0
25
50
75
100
125
V
S =2.7V,5V
I
OS
V
S =±15V
I
B
INPUTBIASCURRENT
vsINPUTCOMMON-MODEVOLTAGE
Common-ModeVoltage(V)
–17
–16
–15
–14
–13
–12
–11
–10
–15
–5
–10
0
5
10
15
V
S =5V
V
S =2.7V
V
S =±15V
OPA2234M
www.ti.com
SGDS040
– FEBRUARY 2011
TYPICAL CHARACTERISTICS
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA2234M


Similar Part No. - OPA2234MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2234MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com