Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4348AQPWRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4348AQPWRQ1
Description  1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4348AQPWRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4348AQPWRQ1 Datasheet HTML 6Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 7Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 8Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 9Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 10Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 11Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 12Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 13Page - Texas Instruments OPA4348AQPWRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS7822
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
1/2
OPA2348
+5V
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1µF
0.1µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0 V to 5 V for
0-V to 5-V output.
RC network filters high-frequency noise.
500W
3300pF
C
3
33pF
V+
GND
3
1
8
4
5
6
7
–IN
+IN
2
C
2
DCLOCK
Serial
Interface
1000pF
R
1
1.5kW
R
4
20kW
R
5
20kW
R
6
100kΩ
R
8
150kW
R
9
510kW
R
7
51kW
D
OUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1MW
R
2
1MW
(1) Electret microphone powered by R .
1
ADS7822
12-Bit A/D
1/2
OPA2348
1/2
OPA2348
OPA2348-Q1
OPA4348-Q1
SBOS465A – JANUARY 2009 – REVISED MARCH 2010
www.ti.com
Driving Analog-to-Digital Converters (ADCs)
The OPA2348 op amps are optimized for driving medium-speed sampling ADCs. The OPA2348 op amps buffer
the ADC input capacitance and resulting charge injection while providing signal gain.
Figure 7 shows the OPA2348 in a basic noninverting configuration driving the ADS7822. The ADS7822 is a
12-bit, micropower sampling converter in the MSOP-8 package. When used with the low-power miniature
packages of the OPA348, the combination is ideal for space-limited, low-power applications. In this configuration,
an RC network at the ADC input can be used to provide for anti-aliasing filter and charge injection current.
Figure 7. Noninverting Configuration Driving ADS7822
The OPA2348 can also be used in noninverting configuration driving ADS7822 in limited low-power applications.
In this configuration, an RC network at the ADC input can be used to provide for antialiasing filter and charge
injection current. See Figure 7 for the OPA2348 driving an ADS7822 in a speech bandpass filtered data
acquisition system. This small low-cost solution provides the necessary amplification and signal conditioning to
interface directly with an electret microphone. This circuit operates with VS = 2.7 V to 5 V with less than 250-µA
typical quiescent current.
Figure 8. Speech Bandpass Filtered Data Acquisition System
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA2348-Q1 OPA4348-Q1


Similar Part No. - OPA4348AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4348AQPWRQ1 TI1-OPA4348AQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
More results

Similar Description - OPA4348AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI-OPA348-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   OPAx348-Q1 1-MHz 45-關A CMOS Rail-to-Rail Operational Amplifier
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
   8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com