Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1662AIDGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1662AIDGK
Description  Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1662AIDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA1662AIDGK Datasheet HTML 7Page - Texas Instruments OPA1662AIDGK Datasheet HTML 8Page - Texas Instruments OPA1662AIDGK Datasheet HTML 9Page - Texas Instruments OPA1662AIDGK Datasheet HTML 10Page - Texas Instruments OPA1662AIDGK Datasheet HTML 11Page - Texas Instruments OPA1662AIDGK Datasheet HTML 12Page - Texas Instruments OPA1662AIDGK Datasheet HTML 13Page - Texas Instruments OPA1662AIDGK Datasheet HTML 14Page - Texas Instruments OPA1662AIDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
350
400
Capacitance (pF)
VS = ± 18 V
VS = ± 1.5 V
G036
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
−40
−15
10
35
60
85
110
135
Temperature (°C)
RL = 10 kΩ
RL = 2 kΩ
RL = 600 Ω
G022
−1000
−800
−600
−400
−200
0
200
400
−40
−15
10
35
60
85
110
135
Temperature (°C)
IOS
IBP
IBN
G023
−800
−600
−400
−200
0
200
−18
−14
−10
−6
−2
2
6
10
14
18
Common−Mode Voltage (V)
−Ib
+Ib
Ios
G024
1.2
1.3
1.4
1.5
1.6
1.7
1.8
−40
−15
10
35
60
85
110
135
Temperature (°C)
G025
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
24
28
32
36
40
Supply Voltage (V)
G026
OPA1662
OPA1664
www.ti.com
SBOS489
– DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
PHASE MARGIN
vs CAPACITIVE LOAD
OPEN-LOOP GAIN vs TEMPERATURE
Figure 31.
Figure 32.
IB AND IOS vs TEMPERATURE
IB AND IOS vs COMMON-MODE VOLTAGE
Figure 33.
Figure 34.
SUPPLY CURRENT vs TEMPERATURE
SUPPLY CURRENT vs SUPPLY VOLTAGE
Figure 35.
Figure 36.
Copyright
© 2011, Texas Instruments Incorporated
11
Product Folder Link(s): OPA1662 OPA1664


Similar Part No. - OPA1662AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662AIDGKRQ1 TI1-OPA1662AIDGKRQ1 Datasheet
2Mb / 33P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA1662AIDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1678 TI1-OPA1678_18 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678 TI1-OPA1678 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1678_1807 TI1-OPA1678_1807 Datasheet
1Mb / 48P
[Old version datasheet]   Low-Distortion Audio Operational Amplifiers
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1677 TI-OPA1677 Datasheet
3Mb / 52P
[Old version datasheet]   OPA167x Low-Distortion Audio Operational Amplifiers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com