Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9205804MXA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9205804MXA
Description  DIGITAL SIGNAL PROCESSORS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9205804MXA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9205804MXA Datasheet HTML 1Page - Texas Instruments 5962-9205804MXA Datasheet HTML 2Page - Texas Instruments 5962-9205804MXA Datasheet HTML 3Page - Texas Instruments 5962-9205804MXA Datasheet HTML 4Page - Texas Instruments 5962-9205804MXA Datasheet HTML 5Page - Texas Instruments 5962-9205804MXA Datasheet HTML 6Page - Texas Instruments 5962-9205804MXA Datasheet HTML 7Page - Texas Instruments 5962-9205804MXA Datasheet HTML 8Page - Texas Instruments 5962-9205804MXA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Processed to MIL-PRF-38535 (QML)
D Operating Temperature Ranges:
− Military (M) −55
°C to 125°C
− Special (S) −55
°C to 105°C
D SMD Approval
D High-Performance Floating-Point Digital
Signal Processor (DSP):
− SMJ320C31-60 (5 V)
33-ns Instruction Cycle Time
330 Million Operations Per Second
(MOPS), 60 Million Floating-Point
Operations Per Second (MFLOPS),
30 Million Instructions Per Second
(MIPS)
− SMJ320C31-50 (5 V)
40-ns Instruction Cycle Time
275 MOPS, 50 MFLOPS, 25 MIPS
− SMJ320C31-40 (5 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
− SMJ320LC31-40 (3.3 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
− SMQ320LC31-40 (3.3 V)
50-ns Instruction Cycle Time
220 MOPS, 40 MFLOPS, 20 MIPS
D 32-Bit High-Performance CPU
D 16-/32-Bit Integer and 32-/40-Bit
Floating-Point Operations
D 32-Bit Instruction and Data Words, 24-Bit
Addresses
D Two 1K Word × 32-Bit Single-Cycle
Dual-Access On-Chip RAM Blocks
D Boot-Program Loader
D 64-Word × 32-Bit Instruction Cache
D Eight Extended-Precision Registers
D Two Address Generators With Eight
Auxiliary Registers and Two Auxiliary
Register Arithmetic Units (ARAUs)
D Two Low-Power Modes
D On-Chip Memory-Mapped Peripherals:
− One Serial Port Supporting
8- / 16- / 24- / 32-Bit Transfers
− Two 32-Bit Timers
− One-Channel Direct Memory Access
(DMA) Coprocessor for Concurrent I/O
and CPU Operation
D Fabricated Using Enhanced Performance
Implanted CMOS (EPIC
) Technology by
Texas Instruments (TI )
D Two- and Three-Operand Instructions
D 40 / 32-Bit Floating-Point /Integer Multiplier
and Arithmetic Logic Unit (ALU)
D Parallel ALU and Multiplier Execution in a
Single Cycle
D Block-Repeat Capability
D Zero-Overhead Loops With Single-Cycle
Branches
D Conditional Calls and Returns
D Interlocked Instructions for
Multiprocessing Support
D Bus-Control Registers Configure
Strobe-Control Wait-State Generation
D Validated Ada Compiler
D Integer, Floating-Point, and Logical
Operations
D 32-Bit Barrel Shifter
D One 32-Bit Data Bus (24-Bit Address)
D Packaging
− 132-Lead Ceramic Quad Flatpack With
Nonconductive Tie-Bar (HFG Suffix)
− 141-Pin Ceramic Staggered Pin
Grid- Array Package (GFA Suffix)
− 132-Lead TAB Frame
− 132-Lead Plastic Quad Flatpack
(PQ Suffix)
description
The SMJ320C31, SMJ320LC31, and SMQ320LC31 digital signal processors (DSPs) are 32-bit, floating-point
processors manufactured in 0.6-
µm triple-level-metal CMOS technology. The devices are part of the
SMJ320C3x generation of DSPs from Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Copyright
 2006, Texas Instruments Incorporated
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Not Recommended for New Designs


Similar Part No. - 5962-9205804MXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9205804MXA TI-5962-9205804MXA Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
5962-9205804MXA TI1-5962-9205804MXA Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - 5962-9205804MXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com