Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP202 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP202
Description  Gigabit 2 횞 2 CROSSPOINT SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP202 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVCP202 Datasheet HTML 5Page - Texas Instruments SN65LVCP202 Datasheet HTML 6Page - Texas Instruments SN65LVCP202 Datasheet HTML 7Page - Texas Instruments SN65LVCP202 Datasheet HTML 8Page - Texas Instruments SN65LVCP202 Datasheet HTML 9Page - Texas Instruments SN65LVCP202 Datasheet HTML 10Page - Texas Instruments SN65LVCP202 Datasheet HTML 11Page - Texas Instruments SN65LVCP202 Datasheet HTML 12Page - Texas Instruments SN65LVCP202 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VID = 0 V
VOD = 0 V
t PLHD
t PHLD
IN
OUT
ClockInput
0V
VA
VB
1/f
O
PRBSInput
0V
VA
VB
PRBSOutput
0V
VY
VZ
0V
0V
0V
VY–VZ
VY–VZ
VY–VZ
ActualOutput
IdealOutput
1/f
O
PeriodJitter
Cycle-to-CycleJitter
Peak-to-PeakJitter
ActualOutput
tjit(pp)
tc(n)
tc(n)
tc(n+1)
tjit(pp)=|tc(n)-1/f |
O
tjit(cc)=|tc(n)-tc(n+1)|
<3-inch,50-
TL
(7,62cm)
W
<3-inch,50-
TL
(7,62cm)
W
25-inchFR4
(63,5cm)
DC
Block
DC
Block
DC
Block
DC
Block
Coax
Coax
Coax
Coax
D+
D–
Pattern
Generator
400-mV
Differential
PP
Characterization TestBoard
Jitter Test
Instrument
Coupled
TransmissionLine
SMA
SMA
SMA
SMA
SMA
SN65LVCP202
SN65LVCP202
www.ti.com ................................................................................................................................................................................................... SLLS914 – MARCH 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Propagation Delay Input to Output
A.
All input pulses are supplied by an Agilent 81250 Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software.
Figure 7. Driver Jitter Measurement Waveforms
Figure 8. AC Test Circuit — Jitter and Output Rise Time Test Circuit
The SN65LVCP202 input equalizer provides 5-dB frequency gain to compensate for the frequency loss of a
shorter backplane transmission line. For characterization purposes, a 24-inch (61-cm) FR-4 coupled transmission
line is used in place of the backplane trace. The 24-inch (61-cm) trace provides roughly 5 dB of attenuation
between 375 MHz and 1.875 GHz, representing closely the characteristics of a short backplane trace. The loss
tangent of the FR4 in the test board is 0.018 with an effective
ε(r) of 4.1.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65LVCP202


Similar Part No. - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Analog Devices
ADG799A AD-ADG799A Datasheet
573Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com