Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP204RGZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP204RGZR
Description  Gigabit 4 횞 4 CROSSPOINT SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP204RGZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVCP204RGZR Datasheet HTML 5Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 6Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 7Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 8Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 9Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 10Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 11Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 12Page - Texas Instruments SN65LVCP204RGZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
VID = 0 V
VOD = 0 V
t PLHD
t PHLD
IN
OUT
t
=|t
– 1/f |
jit(pp)
c(n)
O
1/f
O
1/f
O
<3-inch,50-
TL
(7,62cm)
W
<3-inch,50-
TL
(7,62cm)
W
25-inchFR4
(63,5cm)
DC
Block
DC
Block
DC
Block
DC
Block
Coax
Coax
Coax
Coax
D+
D–
Pattern
Generator
400-mV
Differential
PP
Characterization TestBoard
Jitter Test
Instrument
Coupled
TransmissionLine
SMA
SMA
SMA
SMA
SMA
SN65LVCP204
SN65LVCP204
www.ti.com ................................................................................................................................................................................................... SLLS913 – MARCH 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Propagation Delay Input to Output
A.
All input pulses are supplied by an Agilent 81250 Stimulus System.
B.
The measurement is made with the AgilentParBert measurement software.
Figure 7. Driver Jitter Measurement Waveforms
Figure 8. AC Test Circuit — Jitter and Output Rise Time Test Circuit
The SN65LVCP204 input equalizer provides 5-dB frequency gain to compensate for the frequency loss of a
shorter backplane transmission line. For characterization purposes, a 25-inch (63,5 cm) FR-4 coupled
transmission line is used in place of the backplane trace. The 25-inch trace provides roughly 5 dB of attenuation
between 375 MHz and 2.125 GHz, representing closely the characteristics of a short backplane trace. The loss
tangent of the FR4 in the test board is 0.018 with an effective
ε(r) of 4.1.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65LVCP204


Similar Part No. - SN65LVCP204RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204RGZR TI1-SN65LVCP204RGZR Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP204RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP204 TI1-SN65LVCP204_14 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4 횞 4 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
   8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com