Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP402 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP402
Description  Gigabit 2x2 CROSSPOINT SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP402 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP402 Datasheet HTML 2Page - Texas Instruments SN65LVCP402 Datasheet HTML 3Page - Texas Instruments SN65LVCP402 Datasheet HTML 4Page - Texas Instruments SN65LVCP402 Datasheet HTML 5Page - Texas Instruments SN65LVCP402 Datasheet HTML 6Page - Texas Instruments SN65LVCP402 Datasheet HTML 7Page - Texas Instruments SN65LVCP402 Datasheet HTML 8Page - Texas Instruments SN65LVCP402 Datasheet HTML 9Page - Texas Instruments SN65LVCP402 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
V
ODB(PP)
V
ODPE(PP)
SWITCHING CHARACTERISTICS
SN65LVCP402
SLLS699A – JUNE 2007 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Output preemphasis voltage
Px_2:Px_1 = 00
0
ratio,
Px_2:Px_1 = 01
3
RL = 100 Ω ±1%;
V(PE)
x = Channel 1 or 2;
dB
Px_2:Px_1 = 10
6
See Figure 3
Px_2:Px_1= 11
9
Output preemphasis is set to 9 dB during test
Preemphasis duration
PREx_x = 1;
t(PRE)
175
ps
measurement
Measured with a 100-MHz clock signal;
RL = 100 Ω ±1%, See Figure 4
Differential on-chip termination between OUT+ and
ro
Output resistance
100
OUT–
CONTROL INPUTS
IIH
High-level Input current
VIN = VCC
5
µA
IIL
Low-level Input current
VIN = GND
-125
-90
µA
R(PU)
Pullup resistance
35
k
POWER CONSUMPTION
PD
Device power dissipation
All outputs terminated 100
290
414
mW
Device power dissipation in
PZ
All outputs in 3-state
331
mW
3-state
All outputs
ICC
Device current consumption
PRBS 27-1 pattern at 4 Gbps
115
mA
terminated 100
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
MULTIPLEXER
t(SM)
Multiplexer switch time
Multiplexer to valid output
3
6
ns
DIFFERENTIAL OUTPUTS
Low-to-high propagation
tPLH
0.5
0.7
ns
delay
Propagation delay input to output
See Figure 6
High-to-low propagation
tPHL
0.5
0.7
ns
delay
tr
Rise time
80
ps
20% to 80% of VO(DB); Test Pattern: 100-MHz clock signal;
See Figure 5 and Figure 8
tf
Fall time
80
ps
tsk(p)
Pulse skew, | tPHL – tPLH |
(2)
20
ps
tsk(o)
Output skew(3)
All outputs terminated with 100
25
100
ps
tsk(pp)
Part-to-part skew(4)
300
ps
3-State switch time to
tzd
Assumes 50
Ω to Vcm and 150 pF load on each output
20
ns
disable
3-State switch time to
tze
Assumes 50
Ω to Vcm and 150 pF load on each output
10
ns
enable
See Figure 8 for test circuit.
RJ
Device random jitter, rms
BERT setting 10–15
0.8
2
ps-rms
Alternating 10-pattern.
(1)
All typical values are at 25°C and with 3.3 V supply unless otherwise noted.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(o) is the magnitude of the time difference between the tPLH and tPHL of any two outputs of a single device.
(4)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN65LVCP402


Similar Part No. - SN65LVCP402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com