Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP402RGETG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVCP402RGETG4
Description  Gigabit 2x2 CROSSPOINT SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP402RGETG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP402RGETG4 Datasheet HTML 1Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 2Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 3Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 4Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP402RGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Gain
Stage
+ EQ
RBBDC
VBB
Self−Biasing Network
LineEndTermination
VCC
VCC
ESD
IN+
IN−
RT(SE)
= 50 W
RT(SE)
= 50 W
VOCM
OUT−
OUT+
49.9 W
49.9 W
1 pF
SN65LVCP402
www.ti.com....................................................................................................................................................... SLLS699A – JUNE 2007 – REVISED JANUARY 2009
Figure 1. Equivalent Input Circuit Design
Figure 2. Common-Mode Output Voltage Test Circuit
Table 1. CROSSPOINT LOGIC TABLES
OUTPUT CHANNEL 1 (1Y/1Z)
OUTPUT CHANNEL 2 (2Y/2Z)
CONTROL
INPUT
CONTROL
INPUT
PINS
SELECTED
PINS
SELECTED
S1
S2
0
1A/1B
0
1A/1B
1
2A/2B
1
2A/2B
AVAILABLE OPTIONS
PACKAGED DEVICE(1)(2)
TA
DESCRIPTION
RGE (24 pin)
-40°C to 85°C
Serial multiplexer
SN65LVCP402
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., SN65LVCP402RGER).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVCP402


Similar Part No. - SN65LVCP402RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40 Datasheet
986Kb / 19P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP402RGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com