Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4066DPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP4066DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4066DPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGP4066DPBF Datasheet HTML 1Page - International Rectifier IRGP4066DPBF Datasheet HTML 2Page - International Rectifier IRGP4066DPBF Datasheet HTML 3Page - International Rectifier IRGP4066DPBF Datasheet HTML 4Page - International Rectifier IRGP4066DPBF Datasheet HTML 5Page - International Rectifier IRGP4066DPBF Datasheet HTML 6Page - International Rectifier IRGP4066DPBF Datasheet HTML 7Page - International Rectifier IRGP4066DPBF Datasheet HTML 8Page - International Rectifier IRGP4066DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRGP4066DPbF/IRGP4066D-EPbF
4
www.irf.com
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 175°C; tp = 60μs
Fig. 8 - Typ. Diode Forward Characteristics
tp = 80μs
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 11 - Typical VCE vs. VGE
TJ = 175°C
Fig. 12 - Typ. Transfer Characteristics
VCE = 50V; tp = 60μs
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
0
2
4
6
8
10
VCE (V)
0
50
100
150
200
250
300
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 38A
ICE = 75A
ICE = 150A
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 38A
ICE = 75A
ICE = 150A
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 38A
ICE = 75A
ICE = 150A
4
6
8
10
1214
1618
VGE, Gate-to-Emitter Voltage (V)
0
50
100
150
200
250
300
TJ = 175°C
TJ = 25°C
0.0
1.0
2.0
3.0
4.0
VF (V)
0
50
100
150
200
250
300
-40°C
25°C
175°C


Similar Part No. - IRGP4066DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4066DPBF IRF-IRGP4066DPBF Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4066DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com