Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4066D-EPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4066D-EPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4066D-EPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4066D-EPBF Datasheet HTML 2Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 3Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 4Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 5Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 6Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 7Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 8Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 9Page - International Rectifier IRGP4066D-EPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRGP4066DPbF/IRGP4066D-EPbF
6
www.irf.com
Fig. 19 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 75A; TJ = 175°C
Fig. 20 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
Fig. 23 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 24 - Typical Gate Charge vs. VGE
ICE = 75A; L = 485μH
Fig. 21 - Typ. Diode ERR vs. IF
TJ = 175°C
Fig. 22 - VGE vs. Short Circuit Time
VCC = 400V; TC = 25°C
10
20
30
40
50
60
70
IF (A)
100
150
200
250
300
350
400
RG = 100Ω
RG = 47Ω
RG = 22Ω
RG = 10Ω
8
1012141618
VGE (V)
0
5
10
15
20
0
200
400
600
800
Tsc
Isc
0
20
40
60
80 100 120 140 160
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES = 400V
VCES = 300V
200
300
400
500
600
700
diF /dt (A/μs)
15
20
25
30
200
300
400
500
600
700
diF /dt (A/μs)
1500
2000
2500
3000
5.0
Ω
10
Ω
100
Ω
47
Ω
75A
150A
38A
0
100
200
300
400
500
VCE (V)
10
100
1000
10000
Cies
Coes
Cres


Similar Part No. - IRGP4066D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP4066DPBF IRF-IRGP4066DPBF Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP4066D-EPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com