Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK110PTR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK110PTR
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK110PTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK110PTR Datasheet HTML 3Page - Texas Instruments TLK110PTR Datasheet HTML 4Page - Texas Instruments TLK110PTR Datasheet HTML 5Page - Texas Instruments TLK110PTR Datasheet HTML 6Page - Texas Instruments TLK110PTR Datasheet HTML 7Page - Texas Instruments TLK110PTR Datasheet HTML 8Page - Texas Instruments TLK110PTR Datasheet HTML 9Page - Texas Instruments TLK110PTR Datasheet HTML 10Page - Texas Instruments TLK110PTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
TLK110
www.ti.com
SLLS901A – DECEMBER 2011 – REVISED FEBRUARY 2012
2.7
JTAG Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
JTAG_TCK
8
I, PU
JTAG Test Clock: This pin has a weak internal pullup.
JTAG_TDI
12
I, PU
JTAG Test Data Input: This pin has a weak internal pullup.
JTAG_TDO
9
O
JTAG Test Data Output
JTAG_TMS
10
I, PU
JTAG Test Mode Select: This pin has a weak internal pullup.
JTAG_TRSTN
11
I, PU
JTAG Reset: This pin is an active low asynchronous test reset. This pin has a weak internal pullup.
2.8
Reset and Power Down
PIN
TYPE
DESCRIPTION
NAME
NO.
This pin is an active-low reset input that initializes or re-initializes all the internal registers of the
RESETN
29
I, PU
TLK110. Asserting this pin low for at least 1 µs will force a reset process to occur. All jumper
options are reinitialized as well. .
Register access is required for this pin to be configured either as power down or as an interrupt.
The default function of this pin is power down.
When this pin is configured for a power down function, an active low signal on this pin places the
PWR_DNN/INT
7
I, OD, PU
device in power down mode.
When this pin is configured as an interrupt pin then this pin is asserted low when an interrupt
condition occurs. The pin has an open-drain output with a weak internal pull-up. Some
applications may require an external pull-up resistor.
2.9
Power and Bias Connections
PIN
TYPE
DESCRIPTION
NAME
NO.
RBIAS
24
I
Bias Resistor Connection. Use a 4.87k
Ω 1% resistor connected from RBIAS to GND.
Power Feedback Output. 10µf and 0.1
μF capacitors (ceramic preferred), should be placed close to
PFBOUT
23
O
PFBOUT.
In single-supply operation, connect this pin to PFBIN1 and PFBIN2 (pin 18 and pin 37). See Figure 3-1
for proper placement
In multiple supply operation, this pin is not used.
PFBIN1
18
Power Feedback Input. These pins are fed with power from PFBOUT (pin 23) in single supply operation.
In multiple supply operation a 1.5V external power should be connected to these pins. A small capacitor
I
PFBIN2
37
of 0.1µF should be connected close to each pin. The internal linear regulator is powered down by writing
to register 0x00d0.
VDD33_IO
32, 48
P
I/O 3.3V Supply
IOGND
35, 47
P
I/O ground
DGND
36
P
Digital ground
AVDD33
22
P
Analog 3.3V power supply
AGND
15, 19
P
Analog ground
RESERVED
20
I/O
RESERVED: This pin must be pulled-up through 2.2 k
Ω resistor to AVDD33 supply
Copyright © 2011–2012, Texas Instruments Incorporated
Pin Descriptions
7
Submit Documentation Feedback
Product Folder Link(s): TLK110


Similar Part No. - TLK110PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPR TI-TLK1101ERGPR Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPR TI-TLK1101ERGPR Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101ERGPRG4 TI-TLK1101ERGPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
More results

Similar Description - TLK110PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
[Old version datasheet]   DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com