Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3120 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3120
Description  Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3120 Datasheet HTML 2Page - Texas Instruments TLV320AIC3120 Datasheet HTML 3Page - Texas Instruments TLV320AIC3120 Datasheet HTML 4Page - Texas Instruments TLV320AIC3120 Datasheet HTML 5Page - Texas Instruments TLV320AIC3120 Datasheet HTML 6Page - Texas Instruments TLV320AIC3120 Datasheet HTML 7Page - Texas Instruments TLV320AIC3120 Datasheet HTML 8Page - Texas Instruments TLV320AIC3120 Datasheet HTML 9Page - Texas Instruments TLV320AIC3120 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
TLV320AIC3120
SLAS653A – FEBRUARY 2010 – REVISED MAY 2012
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD = HPVDD = IOVDD = 3.3 V, SPKVDD = 3.6V, DVDD = 1.8 V, fS (audio) = 48 kHz, CODEC_CLKIN = 256 ×
fS, PLL = Off, VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC
Microphone Input to ADC, 984-Hz Sine-Wave Input, fS = 48 kHz, AGC = OFF
MIC with R1 = 20 k
Ω (page 1 / register 48 and
Input signal level (0-dB)
0.707
VRMS
register 49, bits D7–D6)
fS = 48 kHz, 0-dB PGA gain, MIC input ac-shorted to
SNR
Signal-to-noise ratio
ground; measured as idle-channel noise,
80
91
dB
A-weighted(1) (2)
fS = 48 kHz, 0-dB PGA gain, MIC input 1 kHz at –60-
Dynamic range
dBFS input applied, referenced to 0.707-Vrms input,
91
dB
A-weighted (1) (2)
Total harmonic distortion +
fS = 48 kHz, 0-dB PGA gain, MIC input 1 kHz at –2-
THD+N
–85
–70
dB
noise
dBFS input applied, referenced to 0.707 Vrms input
fS = 48 kHz, 0-dB PGA gain, MIC input 1 kHz at –2-
THD
Total harmonic distortion
–91
dB
dBFS input applied, referenced to 0.707 Vrms input
Input capacitance
MIC input
2
pF
Microphone Bias
Page 1 / register 46, bits D1–D0 = 10
2.25
2.5
2.75
Voltage output
V
Page 1 / register 46, bits D1–D0 = 01
2
At 4-mA load current, page 1 / register 46, bits D1–D0
5
= 10 (MICBIAS = 2.5 V)
Voltage regulation
mV
At 4-mA load current, page 1 / register 46, bits D1–D0
7
= 01 (MICBIAS = 2 V)
Audio ADC Digital Decimation Filter Characteristics
See Section 5.5.4.4 for audio ADC decimation filter characteristics.
DAC HEADPHONE OUTPUT, AC-Coupled Load = 16
Ω (Single-Ended),
Driver Gain = 0 dB, Parasitic Capacitance = 30 pF
Full-scale output voltage (0
Output common-mode setting = 1.65 V
0.707
Vrms
dB)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted(1) (2)
80
95
dB
THD
Total harmonic distortion
0-dBFS input
–85
–65
dB
Total harmonic distortion +
THD+N
0-dBFS input
–82
–60
dB
noise
Mute attenuation
87
dB
PSRR
Power-supply rejection ratio(3)
Ripple on HPVDD (3.3 V) = 200 mVp-p at 1 kHz
–62
dB
RL = 32 Ω, THD+N ≤ –60 dB
20
PO
Maximum output power
mW
RL = 16 Ω, THD+N ≤ –60 dB
60
DAC LINEOUT (HP Driver in Lineout Mode)
SNR
Signal-to-noise ratio
Measured as idle-channel noise, A-weighted
95
dB
THD
Total harmonic distortion
0-dBFS input, 0-dB gain
–86
dB
Total harmonic distortion +
THD+N
0-dBFS input, 0-dB gain
–83
dB
noise
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
(3)
DAC to headphone-out PSRR measurement is calculated as PSRR = 20 × log(
ΔVHPOUT / ΔVHPVDD).
6
ELECTRICAL SPECIFICATIONS
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320AIC3120


Similar Part No. - TLV320AIC3120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120IRHBR TI1-TLV320AIC3120IRHBR Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120IRHBT TI1-TLV320AIC3120IRHBT Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com