Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE40HX640-TQ225 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ICE40HX640-TQ225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX640-TQ225 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ICE40HX640-TQ225 Datasheet HTML 1Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 2Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 3Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX640-TQ225 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
2
Ordering Information
Figure 2 describes the iCE40HX ordering codes for all packaged components. See the separate DiePlus data sheets
when ordering die-based products. See the separate iCE40 Pinout Excel files for package and pinout specifications.
Figure 2: iCE40HX Ordering Codes (packaged, non-die components)
High Performance
Series
Logic Cells
Package Style
iCE40HX 8K - CM 225
Package Leads
CM = chip-scale ball grid (0.4 mm pitch)
CB = chip-scale ball grid (0.5 mm pitch)
CT = chip-scale ball grid (0.8 mm pitch)
VQ = Very Thin Quad flat pack (0.5 mm pitch)
TQ = Thin Quad flat pack (0.5 mm pitch)
QN = quad flat no-lead (0.5 mm pitch)
640, 1K, 4K, 8K
iCE40HX8K-CM225
225-ball Chip-Scale BGA Package
(7x7 mm footprint, 0.4 mm pitch)


Similar Part No. - ICE40HX640-TQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX LATTICE-ICE40HX Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-CB132 LATTICE-iCE40HX1K-CB132 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-CB132 LATTICE-ICE40HX1K-CB132 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-TQ144 LATTICE-iCE40HX1K-TQ144 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-TQ144 LATTICE-ICE40HX1K-TQ144 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX640-TQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com