Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2461-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV2461-Q1
Description  LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2461-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2461-Q1 Datasheet HTML 1Page - Texas Instruments TLV2461-Q1 Datasheet HTML 2Page - Texas Instruments TLV2461-Q1 Datasheet HTML 3Page - Texas Instruments TLV2461-Q1 Datasheet HTML 4Page - Texas Instruments TLV2461-Q1 Datasheet HTML 5Page - Texas Instruments TLV2461-Q1 Datasheet HTML 6Page - Texas Instruments TLV2461-Q1 Datasheet HTML 7Page - Texas Instruments TLV2461-Q1 Datasheet HTML 8Page - Texas Instruments TLV2461-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1
TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008D – MARCH 2003 – REVISED SEPTEMBER 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VDD
Supply voltage(2)
6 V
VID
Differential input voltage range
–0.2 V to VDD + 0.2 V
II
Input current (any input)
±200 mA
IO
Output current
±175 mA
II
Total input current (into VDD+)
175 mA
IO
Total output current (out of GND)
175 mA
TA
Operating free-air temperature range
–40°C to 125°C
TJ
Maximum junction temperature
150°C
D (8 pin)
176°C/W
D (14 pin)
123°C/W
qJA
Thermal impedance, junction to ambient(3)
PW (8 pin)
259°C/W
PW (14 pin)
174°C/W
DGK (8 pin)
242°C/W
Tstg
Storage temperature range
–65°C to 150°C
Latch-Up performance meets 100 mA per AEC-Q100 ( Class I )
Class I
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
(3)
Package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Single supply
2.7
6
VDD
Supply voltage
V
Split supply
±1.35
±3
VICR
Common-mode input voltage range
–0.2
VDD + 0.2
V
TA
Operating free-air temperature
–40
125
°C
VIH
2
Shutdown on/off voltage level(1)
V
VIL
0.7
(1)
Relative to voltage on the GND terminal of the device
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV2460-Q1 TLV2461-Q1 TLV2462-Q1 TLV2463-Q1 TLV2464-Q1 TLV2460A-Q1
TLV2461A-Q1 TLV2462A-Q1 TLV2463A-Q1 TLV2464A-Q1


Similar Part No. - TLV2461-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2461-Q1 TI1-TLV2461-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2461-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com