Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2462QDRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2462QDRQ1
Description  LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2462QDRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2462QDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2462QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
NC
No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN
1IN+
GND
NC
1SHDN
NC
VDD+
2OUT
2IN
2IN+
NC
2SHDN
NC
(TOP VIEW)
TLV2463
D OR PW PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN
1IN+
VDD+
2IN+
2IN
2OUT
4OUT
4IN
4IN+
GND
3IN+
3IN
3OUT
(TOP VIEW)
TLV2464
D OR PW PACKAGE
1
2
3
4
8
7
6
5
1OUT
1IN
1IN +
GND
VDD+
2OUT
2IN
2IN+
TLV2462
D, DGK, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN
IN +
GND
NC
VDD+
OUT
NC
TLV2461
D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN
IN +
GND
SHDN
VDD+
OUT
NC
TLV2460
D OR PW PACKAGE
(TOP VIEW)
TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1
TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008D – MARCH 2003 – REVISED SEPTEMBER 2010
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
Check for
Samples: TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1, TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-
Q1, TLV2464A-Q1
1
FEATURES
Qualified for Automotive Applications
Supply Current . . . 500 mA/Channel
ESD Protection Exceeds 2000 V Per
Input Offset Voltage . . . 100 mV
MIL-STD-883, Method 3015; Exceeds 200 V
Input Noise Voltage . . . 11 nV/
√Hz
Using Machine Model (C = 200 pF, R = 0)
Slew Rate . . . 1.6 V/ms
Rail-to-Rail Output Swing
Micropower Shutdown Mode
Gain Bandwidth Product . . . 6.4 MHz
(TLV2460/TLV2463) . . . 0.3 mA/Channel
±80-mA Output Drive Capability
Universal Operational Amplifier EVM
DESCRIPTION
The devices in the TLV246x family of low-power rail-to-rail input/output operational amplifiers are specifically
designed for portable applications. The input common-mode voltage range extends beyond the supply rails for
maximum dynamic range in low-voltage systems. The amplifier output has rail-to-rail performance with
high-output-drive capability, solving one of the limitations of older rail-to-rail input/output operational amplifiers.
This rail-to-rail dynamic range and high output drive make the TLV246x ideal for buffering analog-to-digital
converters.
The operational amplifier has 6.4-MHz bandwidth and 1.6-V/ms slew rate with only 500-mA supply current,
providing good ac performance with low power consumption. Devices are available with an optional shutdown
terminal, which places the amplifier in an ultralow supply-current mode (IDD = 0.3 mA/channel). While in
shutdown, the operational amplifier output is placed in a high-impedance state. DC applications are also well
served with an input noise voltage of 11 nV/
√Hz and input offset voltage of 100 mV.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2462QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2462QDRQ1 TI-TLV2462QDRQ1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2462QDRQ1 TI1-TLV2462QDRQ1 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results

Similar Description - TLV2462QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com