Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S551MP Datasheet(PDF) 1 Page - Littelfuse

Part # TMOV34S551MP
Description  Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S551MP Datasheet(HTML) 1 Page - Littelfuse

  TMOV34S551MP Datasheet HTML 1Page - Littelfuse TMOV34S551MP Datasheet HTML 2Page - Littelfuse TMOV34S551MP Datasheet HTML 3Page - Littelfuse TMOV34S551MP Datasheet HTML 4Page - Littelfuse TMOV34S551MP Datasheet HTML 5Page - Littelfuse TMOV34S551MP Datasheet HTML 6Page - Littelfuse TMOV34S551MP Datasheet HTML 7Page - Littelfuse TMOV34S551MP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
Description
The Littelfuse TMOV®34S thermally protected varistor
series consists of a 34mm square format varistor element
(MOV) with an integral thermally activated element. This
element is designed to open in the event of overheating
due to abnormal overvoltage, limited current conditions.
Certain TMOV®34S devices are offered with a "monitor"
lead which may be connected to signalling circuity to
indicate if the MOV has been disconnected from the circuit.
TMOV®34S Series devices offer quick thermal response due
to the close proximity of the integrated thermal element
to the MOV body. The integrated configuration also offers
lower inductance than most discreet solutions resulting
in improved clamping performance to fast over voltage
transients.
Features
protected MOV–
Patent # 6636403
rating to 40 kA
operating temp
Lead–free Available
available with
narrow 3mm wide
monitor (right) lead
available with 2 leads
only (no monitor lead)
Applications
RoHS
Modules
Supplies
Power Supply)
TMOV®34S Varistor Series
Agency Approvals
Agency
Agency File Number
Status


Similar Part No. - TMOV34S551MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S551MP LITTELFUSE-TMOV34S551MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV34S551MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com