Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S151EP Datasheet(PDF) 7 Page - Littelfuse

Part # TMOV34S151EP
Description  Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S151EP Datasheet(HTML) 7 Page - Littelfuse

  TMOV34S151EP Datasheet HTML 1Page - Littelfuse TMOV34S151EP Datasheet HTML 2Page - Littelfuse TMOV34S151EP Datasheet HTML 3Page - Littelfuse TMOV34S151EP Datasheet HTML 4Page - Littelfuse TMOV34S151EP Datasheet HTML 5Page - Littelfuse TMOV34S151EP Datasheet HTML 6Page - Littelfuse TMOV34S151EP Datasheet HTML 7Page - Littelfuse TMOV34S151EP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
Lead Material
Tin–plated Copper
Soldering
Characteristics
Insulating Material
Cured, flame retardant epoxy polymer
Device Labeling
date code
Physical Specifications
Operating/Storage
Temperature
Humidity Aging
Thermal Shock
Solvent Resistance
Moisture Sensitivity
Environmental Specifications
Wave Solder Profile
Because the TMOV®34S Series varistors contain a thermal protec
tion device, care must be taken when soldering the devices into
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
the solder bath temperatures are rigidly controlled.
Figure 5
Figure 6
Part Numbering System
TMOV 34 SM
151
DEVICE FAMILY
Littelfuse Thermally Protected MOV
DISC SIZE (mm)
34 mm
CERAMIC SHAPE
S: Square
Series Designator
M: 3-LeadedTMOV34S Varistor Series
E: 2-LeadedTMOV34S Varistor Series
(alternative design)
Supplied in Bulk Pack
VM(AC)RMS
115V to 750V
X2696
Optional Design
5 digit suffix when alternative 3mm
wide monitor lead is required
P
P: LEAD-FREE AND
RoHS COMPLIANT
OPTION


Similar Part No. - TMOV34S151EP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S151M LITTELFUSE-TMOV34S151M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S151MP LITTELFUSE-TMOV34S151MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV34S151EP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com