Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG104FA-3.3KTTT Datasheet(PDF) 7 Page - Texas Instruments

Part # REG104FA-3.3KTTT
Description  1A Low-Dropout Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG104FA-3.3KTTT Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG104FA-3.3KTTT Datasheet HTML 3Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 4Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 5Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 6Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 7Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 8Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 9Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 10Page - Texas Instruments REG104FA-3.3KTTT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
REG104
7
SBVS025G
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
0
200
400
600
800
1000
75
70
65
60
55
50
45
40
I
OUT (mA)
RIPPLE REJECTION vs I
OUT
V
RIPPLE = 3Vp-p, f = 120Hz
2V
V
ENABLE
V
OUT
0
250
µs/div
SOFT START
2V
V
ENABLE
V
OUT
0
10
µs/div
OUTPUT DISABLE TIME
C
OUT = 0
OUTPUT VOLTAGE DRIFT HISTOGRAM
V
OUT Drift (ppm/°C)
40
45
50
55
60
65
70
75
80
85
90
45
40
35
30
25
20
15
10
5
0
OUTPUT VOLTAGE ACCURACY HISTOGRAM
Error (%)
–1
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1
60
50
40
30
20
10
0


Similar Part No. - REG104FA-3.3KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG104FA-3.3KTTT TI-REG104FA-3.3KTTT Datasheet
439Kb / 22P
[Old version datasheet]   DMOS 1A Low-Dropout Regulator
logo
Burr-Brown (TI)
REG104FA-3.3KTTT BURR-BROWN-REG104FA-3.3KTTT Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
REG104FA-3.3KTTTG3 BURR-BROWN-REG104FA-3.3KTTTG3 Datasheet
763Kb / 21P
   DMOS 1A Low-Dropout Regulator
More results

Similar Description - REG104FA-3.3KTTT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com