Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C702FNT Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS370C702FNT
Description  8-BIT MICROCONTROLLER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C702FNT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS370C702FNT Datasheet HTML 4Page - Texas Instruments TMS370C702FNT Datasheet HTML 5Page - Texas Instruments TMS370C702FNT Datasheet HTML 6Page - Texas Instruments TMS370C702FNT Datasheet HTML 7Page - Texas Instruments TMS370C702FNT Datasheet HTML 8Page - Texas Instruments TMS370C702FNT Datasheet HTML 9Page - Texas Instruments TMS370C702FNT Datasheet HTML 10Page - Texas Instruments TMS370C702FNT Datasheet HTML 11Page - Texas Instruments TMS370C702FNT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
central processing unit (CPU) (continued)
7000h
256-Byte RAM
(Register File / Stack)
Peripheral File
Reserved†
256-Byte Data EEPROM
Reserved†
System Control
Digital Port Control
Timer 1 Peripheral Control
Vectors
Not Available‡
Reserved†
0000h
0100h
00FFh
1010h
105Fh
1060h
1EFFh
1F00h
1FFFh
2000h
5FFFh
6000h
6FFFh
77FFh
7800h
FFFFh
100Fh
8K-Byte ROM / EPROM
(6000h – 7FFFh)
Interrupts and Reset Vectors;
Trap Vectors
7FBFh
7FC0h
7FFFh
8000h
Peripheral File Control Registers
Not Available‡
1010h – 101Fh
1020h – 102Fh
1040h – 104Fh
1030h – 103Fh
SCI1 Peripheral Control
1050h – 105Fh
Trap 15 – 0
7FC0h – 7FDFh
Reserved†
7FE0h – 7FEFh
Serial Communications Interface TX
7FF0h – 7FF1h
Serial Communications Interface RX
7FF2h – 7FF3h
Timer 1
7FF4h – 7FF5h
Reserved†
7FF6h – 7FF7h
Interrupt 3
7FF8h – 7FF9h
Interrupt 2
7FFAh – 7FFBh
Interrupt 1
7FFCh – 7FFDh
Reset
7FFEh – 7FFFh
† Reserved means the address space is reserved for future expansion.
‡ Not available means the address space is not accessible.
Figure 3. TMS370Cx0x Memory Map
RAM / register file (RF)
Locations within the RAM address space can serve as the RF, general-purpose read / write memory, program
memory, or the stack instructions. The TMS370Cx0x devices contain 256 bytes of internal memory-mapped
RAM beginning at location 0000h (R0) and continuing through location 00FFh (R255) which is shown in
Figure 1.
The first two registers, R0 and R1, are also called register A and B, respectively. Some instructions implicitly
use register A or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the
stack pointer is contained in register B. Registers A and B are the only registers cleared on reset.
peripheral file (PF)
The TMS370Cx0x control registers contain all the registers necessary to operate the system and peripheral
modules on the device. The instruction set includes some instructions that access the PF directly. These
instructions designate the register by the number of the PF relative to 1000h, preceded by P0 for a hexadecimal
designator or P for a decimal designator. For example, the system control register 0 (SCCR0) is located at
address 1010h; its peripheral file hexadecimal designator is P010, and its decimal designator is P16. Table 4
shows the TMS370Cx0x PF address map.


Similar Part No. - TMS370C702FNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C702FNT TI-TMS370C702FNT Datasheet
731Kb / 50P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C702FNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com