Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C702FNT Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS370C702FNT
Description  8-BIT MICROCONTROLLER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C702FNT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS370C702FNT Datasheet HTML 7Page - Texas Instruments TMS370C702FNT Datasheet HTML 8Page - Texas Instruments TMS370C702FNT Datasheet HTML 9Page - Texas Instruments TMS370C702FNT Datasheet HTML 10Page - Texas Instruments TMS370C702FNT Datasheet HTML 11Page - Texas Instruments TMS370C702FNT Datasheet HTML 12Page - Texas Instruments TMS370C702FNT Datasheet HTML 13Page - Texas Instruments TMS370C702FNT Datasheet HTML 14Page - Texas Instruments TMS370C702FNT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
system reset (continued)
Table 6. Reset Sources
REGISTER
ADDRESS
PF
BIT NO.
CONTROL BIT
SOURCE OF RESET
SCCR0
1010h
P010
7
COLD START
Cold (power-up)
SCCR0
1010h
P010
4
OSC FLT FLAG
Oscillator out of range
T1CTL2
104Ah
P04A
5
WD OVRFL INT FLAG
Watchdog timer timeout
Once a reset is activated, the following sequence of events occurs:
1.
The CPU registers are initialized: ST = 00h, SP = 01h (reset state).
2.
Registers A and B are initialized to 00h (no other RAM is changed).
3.
The contents of the LSbyte of the reset vector (07FFh) are read and stored in the PCL.
4.
The contents of the MSbyte of the reset vector (07FEh) are read and stored in the PCH.
5.
Program execution begins with an opcode fetch from the address pointed to the PC.
The reset sequence takes 20 SYSCLK cycles from the time the reset pulse is released until the first opcode
fetch. During a reset, RAM contents (except for registers A and B) remain unchanged, and the module control
register bits are initialized to their reset state.


Similar Part No. - TMS370C702FNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C702FNT TI-TMS370C702FNT Datasheet
731Kb / 50P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370C702FNT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com