Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 1 Page - Texas Instruments

Part # GRM188R60J106M
Description  3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60J106M Datasheet(HTML) 1 Page - Texas Instruments

  GRM188R60J106M Datasheet HTML 1Page - Texas Instruments GRM188R60J106M Datasheet HTML 2Page - Texas Instruments GRM188R60J106M Datasheet HTML 3Page - Texas Instruments GRM188R60J106M Datasheet HTML 4Page - Texas Instruments GRM188R60J106M Datasheet HTML 5Page - Texas Instruments GRM188R60J106M Datasheet HTML 6Page - Texas Instruments GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I - Load Current - A
L
V
= 4.2 V
IN
V
= 5 V
IN
V
= 3.7 V
IN
L = 1.2 H (NRG4026T 1R2),
C
= 22 F (0603 size),
V
= 3.3 V,
Mode: Auto PFM/PWM
m
m
OUT
OUT
TYPICAL APPLICATION CIRCUIT
L
1.0 H
m
C
10 F
OUT
m
V
= 2.9 V to 5.5 V
IN
C
22 pF
ff
R
180 k
2
W
R
360 k
1
W
C
10
IN
mF
PVIN
PGND
EN
FB
TLV62065-Q1
SW
AVIN
AGND
V
1.8 V 2 A
OUT
MODE
TLV62065-Q1
www.ti.com
SLVSB92A – JANUARY 2012 – REVISED MARCH 2012
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
Check for Samples: TLV62065-Q1
1
FEATURES
DESCRIPTION
2
Qualified for Automotive Applications
The TLV62065-Q1 is a highly efficient, synchronous
AEC-Q100 Test Guidance With the Following
step-down, dc-dc converter with a 1.2-V fixed output
Results:
voltage.. It provides up to 2 A of output current.
Device Temperature Grade 2: –40°C to
With an input voltage range of 2.9 V to 5.5 V, the
105°C Ambient Operating Temperature
device is a perfect fit for power conversion from a 5-V
Range
or 3.3-V system supply rail. The TLV62065-Q1
Device HBM ESD Classification Level H2
operates at 3-MHz fixed frequency and enters power-
save mode operation at light load currents to maintain
Device CDM ESD Classification Level C3B
high efficiency over the entire load current range. For
VIN Range from 2.9 V to 5.5 V
low-noise applications, the TLV62065-Q1 can be
Up to 97% Efficiency
forced into fixed-frequency PWM mode by pulling the
MODE pin high.
Power-Save Mode / - MHz Fixed PWM Mode
Output Voltage Accuracy in PWM Mode ±2.0%
In the shutdown mode, the current consumption is
reduced to less than 1 µA and an internal circuit
Output Capacitor Discharge Function
discharges the output capacitor.
Typical 18-µA Quiescent Current
The TLV62065-Q1 operates with a 1-µH inductor and
100% Duty Cycle for Lowest Dropout
10-µF output capacitor.
For Improved Feature Set See TPS62065
The TLV62065-Q1 is available in a small 2-mm × 2-
Available in a 2-mm × 2-mm × 0.75-mm SON
mm × 0.75-mm 8-pin SON package.
APPLICATIONS
Point of Load (POL)
Notebooks, Pocket PCs
Portable Media Players
Set Top Box
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com