Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 11 Page - Texas Instruments

Part # GRM188R60J106M
Description  3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60J106M Datasheet(HTML) 11 Page - Texas Instruments

Back Button GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments GRM188R60J106M Datasheet HTML 10Page - Texas Instruments GRM188R60J106M Datasheet HTML 11Page - Texas Instruments GRM188R60J106M Datasheet HTML 12Page - Texas Instruments GRM188R60J106M Datasheet HTML 13Page - Texas Instruments GRM188R60J106M Datasheet HTML 14Page - Texas Instruments GRM188R60J106M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=0.2 A to1 A
MODE=V
IN
OUT
OUT
IN
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=20mA to250mA
IN
OUT
OUT
Time Base - 100 ms/Div
500 mV/Div
V
V
I
L =
IN
OUT
OUT
= 3.6 V to 4.2 V,
= 1.8 V,
= 500 mA
1.2 H,
m
50 mV/Div
TimeBase-100ms/Div
200mV/Div
V
=3.6V,
V
=1.8V,
L =1.2
H
C
=10
I
200mA to1500mA
IN
OUT
OUT
OUT
m
mF
1A/Div
2A/Div
TLV62065-Q1
www.ti.com
SLVSB92A – JANUARY 2012 – REVISED MARCH 2012
Figure 15. Load Transient Response
Figure 16. Load Transient
PWM Mode 0.2A To 1A
PFM Mode 20 mA to 250mA
Figure 17. Load Transient Response
Figure 18. Line Transient Response PWM Mode
200 mA To 1500 mA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TLV62065-Q1


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com